Selected language     English  ▼


Q-200E_13 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part No. Q-200E_13
Description  HEAT SHRINK THIN WALL TUBING
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  QUALTEK [Qualtek Electronics Corporation]
Homepage  http://www.qualtekusa.com
Logo 

   
 1 page
background image
www.Qualtekusa.com
Q-200E
200°C, VERY FLEXIBLE
MODIFIED FLUOROELASTOMER TUBING (Viton® )
SHRINK RATIO 2:1
Features/Applications
cut-through resistance. Used for applications requiring high resistance to corrosive
at high and low temperatures without cracking.
Notes:
1.
* See page 13 - Part Number Guide for standard packaging codes.
2.
Cross Reference Guide located on page 3.
3.
Special sizes, packaging, colors and cut pieces are available upon request.
4.
Viton® is a registered trademark of E.I. Du Pont de Nemours and Co. Inc.
Operating temperature: -55°C to +200°C
Minimum shrink temperature: 150°C
Full recovery temperature: 175°C
Approval: UL VW-1, File No. E245010
Meets: SAE-AMS-DTL-23053/13
Standard Color: Black
RoHS Compliant
HEAT SHRINK THIN WALL TUBING
14
Technical Data
Property
Test Method
Typical Data
Operating Temperature
IEC 216
-55°C to +200°C
Tensile Strength
ASTM D 2671
> 8.5 MPa
Elongation at Break
ASTM D 2671
> 250%
Elongation at Break After Aging
250°C, 168 hrs.
> 8MPa
> 200%
Heat Shock
300°C, 4 hrs.
No cracking or dropping
Flexibility
ASTM D 412
< 13.8 MPa
Dielectric Strength
ASTM D 2671
> 7.9kV / mm
Volume Resistance
ASTM D 876
> 10 Ω.cm
Copper Corrosion
UL 224
No corrosion
Flammability
ASTM D 2671
Self-extinguish in 15 sec.
Product Dimensions
Size
As Supplied
(mm)
After Recovered
(mm)
Tubing
Shape
Standard
Packaging
Inch
mm
Inside
Diameter
(min.)
Inside
Diameter
(max.)
Wall
Thickness
(min.)
Standard
Spool
*(SS)
(Meter)
Cut to Length Pcs.
*(QB)
Qty per bag
6”
48”
1/8
3.2
3.2
1.6
0.76
Round
50
20
25
3/16
4.8
4.8
2.4
0.90
Round
50
16
25
1/4
6.4
6.4
3.2
0.90
Round
50
12
25
3/8
9.5
9.5
4.8
0.90
Round
50
8
25
1/2
12.7
12.7
6.4
1.10
Round
30
4
5
3/4
19.1
19.1
9.5
1.30
Round
30
2
5
1
25.4
25.4
12.7
1.65
Flat
30
1
5
1 1/2
38.1
38.1
19.1
1.90
Flat
15
1
5
2
50.8
50.8
25.4
2.80
Flat
15
1
5




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl