Selected language     English  ▼


Q-PTFE Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part No. Q-PTFE
Description  HEAT SHRINK THIN WALL TUBING
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  QUALTEK [Qualtek Electronics Corporation]
Homepage  http://www.qualtekusa.com
Logo 

   
 1 page
background image
www.Qualtekusa.com
Q-PTFE
PTFE HEAT SHRINKABLE TUBING
Features/Applications
l
a
c
i
m
e
h
c
d
n
a
e
r
u
t
a
r
e
p
m
e
t
h
g
i
h
e
r
e
h
w
s
n
o
it
a
c
il
p
p
a
r
o
f
d
e
n
g
i
s
e
d
y
ll
a
i
c
e
p
s
s
i
tI
resistance is required. This tubing works great as an electrical insulator and where
Notes:
1.
* See page 13 - Part Number Guide for standard packaging codes.
2.
Cross Reference Guide located on page 3.
3.
Special sizes, packaging, colors and cut pieces are available upon request.
Operating temperature: -65°C to +260°C
Full recovery temperature: 350°C
Meets: SAE-AMS-DTL-23053/12
Standard color: Clear
RoHS Compliant
HEAT SHRINK THIN WALL TUBING
Product Dimensions
Size
(AWG)
As Supplied (mm)
After Recovered
(mm)
Standard
Packaging
Inside Diameter
(min.)
Inside
Diameter
(max.)
Wall
Thickness
(min.)
Cut to
Length Pcs.
*(QB)
Qty per bag
(48” pcs.)
30
0.86
0.38
0.23
25
28
0.97
0.46
0.23
25
26
1.17
0.56
0.23
25
24
1.27
0.64
0.25
25
22
1.40
0.80
0.25
25
20
1.52
0.97
0.30
25
18
1.93
1.17
0.30
25
16
2.36
1.45
0.30
25
14
3.05
1.82
0.30
25
12
3.81
2.26
0.30
25
10
4.85
2.80
0.30
25
8
6.10
3.55
0.38
5
6
7.67
4.40
0.38
5
4
9.40
5.45
0.38
5
2
10.92
6.90
0.38
5
0
11.94
8.56
0.38
5
18
Technical Data
Property
Test Method
Typical Data
Tensile Strength
ASTM D 2671
> 17.3 MPa
Ultimate Elongation
ASTM D 2671
> 200%
ASTM D 792
2.30
Heat Shock (400°C, 4hrs.)
ASTM D 2671
No cracking or dropping
Cold Bend Test (-65°C, 4hrs.)
ASTM D 2671
No cracking
Volume Resistance
ASTM D 2671
> 10 Ω.cm
Dielectric Strength
ASTM D 2671
> 34kV/mm
Copper Corrosion
UL 224
Pass
Flammability
ASTM D 2671
Self-extinguish
Fluid Resistance
SAE-AMS-DTL-23053/12
Excellent
Water Absorption
ASTM D 570
< 0.1




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl