Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6SN-2F-Y5VDC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G6SN-2F-Y5VDC
Description  SURFACE-MOUNTING SIGNAL RELAY-G6S
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G6SN-2F-Y5VDC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G6SN-2F-Y5VDC Datasheet HTML 1Page - List of Unclassifed Manufacturers G6SN-2F-Y5VDC Datasheet HTML 2Page - List of Unclassifed Manufacturers G6SN-2F-Y5VDC Datasheet HTML 3Page - List of Unclassifed Manufacturers G6SN-2F-Y5VDC Datasheet HTML 4Page - List of Unclassifed Manufacturers G6SN-2F-Y5VDC Datasheet HTML 5Page - List of Unclassifed Manufacturers G6SN-2F-Y5VDC Datasheet HTML 6Page - List of Unclassifed Manufacturers G6SN-2F-Y5VDC Datasheet HTML 7Page - List of Unclassifed Manufacturers G6SN-2F-Y5VDC Datasheet HTML 8Page - List of Unclassifed Manufacturers G6SN-2F-Y5VDC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
233
Text
232
Text
Surface-Mounting Signal Relay – G6S
Contact Ratings
Load
Resistive load (cosφ = 1)
Rated Load
0.5 A at 125 VAC; 2 A at 30 VDC
Contact material
Ag (Au-alloy)
Rated Carry Current
2 A
Max. switching voltage
250 VAC, 220 VDC
Max. switching current
2 A
Max. switching power
62.5 VA, 60 W
Failure rate (reference value)
10 µA at 10 mVDC
(see note)
Note: P level: λ60 = 0.1 x 10
-6/operation. This value was measured at a switching frequency of 120 operations/min and the criterion of
contact resistance is 50Ω. This value may vary depending on the operating environment. Always double-check relay suitability under
actual operating conditions.
Single-side Stable EN60950 Approved Type (G6S-2-Y, G6S-2F-Y, G6S-2G-Y)
Rated voltage
5 VDC
12 VDC
24 VDC
Rated current
40 mA
16.7 mA
9.6 mA
Coil resistance
125 Ω
720 Ω
2,504 Ω
Must operate voltage
75% max. of rated voltage
Must release voltage
10% min. of rated voltage
Max. voltage
170% of rated voltage at 23°C
170% of rated voltage at 23°C
Power consumption
Approx. 200 mW
Approx. 230 mW
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23°C.
3. The maximum voltage is the highest voltage that can be imposed on the relay coil.
Surface-Mounting Signal Relay – G6S
Specifications
Coil Ratings
Single-side Stable Type (G6S-2, G6S-2F, G6S-2G)
Rated voltage
4.5 VDC
5 VDC
12 VDC
24 VDC
Rated current
31.0 mA
28.1 mA
11.7 mA 8.3 mA
Coil resistance
145 Ω
178 Ω
1,028 Ω 2,880 Ω
Must operate voltage
75% max. of rated voltage
Must release voltage
10% min. of rated voltage
Max. voltage
200% of rated voltage at 23°C
170% of rated
voltage at 23°C
Power consumption
Approx. 140 mW
Approx. 200 mW
Single-winding Latching Type (G6SU-2, G6SU-2F, G6SU-2G)
Rated voltage
4.5 VDC
5 VDC
12 VDC
24 VDC
Rated current
22.2 mA
20 mA
8.3 mA
6.3 mA
Coil resistance
203 Ω
250 Ω
1,440 Ω
3,840 Ω
Coil inductance Armature OFF 0.27
0.36
2.12
5.80
(H) (ref. value)
Armature ON
0.14
0.18
1.14
3.79
Must set voltage
75% max. of rated voltage
Must reset voltage
75% min. of rated voltage
Max. voltage
180% of rated voltage at 23°C
Power consumption
Approx. 100 mW
Approx. 150 mW
Double-winding Latching Type (G6SK-2, G6SK-2F, G6SK-2G)
Rated voltage
4.5 VDC
5 VDC
12 VDC
24 VDC
Rated current
44.4 mA
40 mA
16.7 mA
12.5 mA
Coil resistance
101 Ω
125 Ω
720 Ω
1,920 Ω
Set
Armature OFF
0.12
0.14
0.60
1.98
Armature ON
0.074
0.088
0.41
1.23
Reset
Armature OFF
0.082
0.098
0.46
1.34
Armature ON
0.14
0.16
0.54
2.23
Must set voltage
75% max. of rated voltage
Must reset voltage
75% min. of rated voltage
Max. voltage
170% of rated voltage at 23°C
140% of rated
voltage at 23˚C
Power consumption
Approx. 200 mW
Approx. 300 mW
Coil ind-
uctance
(H) (ref.
value)
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23°C.
3. The maximum voltage is the highest voltage that can be imposed on the relay coil.
Omron 08 Cat 1-302
5/10/07
15:39
Page 232


Similar Part No. - G6SN-2F-Y5VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6S OMRON-G6S Datasheet
781Kb / 12P
   Low Signal Relay
G6S OMRON-G6S Datasheet
781Kb / 12P
   Low Signal Relay
G6S OMRON-G6S Datasheet
1Mb / 21P
   Electronic Components Master Selection Guide
G6S-2 OMRON-G6S-2 Datasheet
153Kb / 9P
   Low Signal Relay
G6S-2 OMRON-G6S-2 Datasheet
781Kb / 12P
   Low Signal Relay
More results

Similar Description - G6SN-2F-Y5VDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G6SU2F5DC ETC2-G6SU2F5DC Datasheet
1Mb / 9P
   SURFACE-MOUNTING SIGNAL RELAY - G6S
logo
Omron Electronics LLC
G6J2FSYTRDC45 OMRON-G6J2FSYTRDC45 Datasheet
346Kb / 12P
   Surface-mounting Relay
G6J-Y OMRON-G6J-Y Datasheet
400Kb / 12P
   Surface-mounting Relay
G6J-2FS-Y-TRDC45 OMRON-G6J-2FS-Y-TRDC45 Datasheet
346Kb / 12P
   Surface-mounting Relay
G6J2PYDC12 OMRON-G6J2PYDC12 Datasheet
346Kb / 12P
   Surface-mounting Relay G6J-Y
logo
Picker Components
PC302S PICKER-PC302S_14 Datasheet
246Kb / 2P
   Microminiature Surface Mount Signal Relay
PC303S PICKER-PC303S Datasheet
145Kb / 2P
   Microminiature Surface Mount Signal Relay
PC302S PICKER-PC302S Datasheet
173Kb / 2P
   Microminiature Surface Mount Signal Relay
PC304S PICKER-PC304S Datasheet
127Kb / 2P
   Microminiature Surface Mount Signal Relay
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com