Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC1103PBSG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV320AIC1103PBSG4
Description  PCM CODEC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC1103PBSG4 Datasheet(HTML) 4 Page - Texas Instruments

  TLV320AIC1103PBSG4 Datasheet HTML 1Page - Texas Instruments TLV320AIC1103PBSG4 Datasheet HTML 2Page - Texas Instruments TLV320AIC1103PBSG4 Datasheet HTML 3Page - Texas Instruments TLV320AIC1103PBSG4 Datasheet HTML 4Page - Texas Instruments TLV320AIC1103PBSG4 Datasheet HTML 5Page - Texas Instruments TLV320AIC1103PBSG4 Datasheet HTML 6Page - Texas Instruments TLV320AIC1103PBSG4 Datasheet HTML 7Page - Texas Instruments TLV320AIC1103PBSG4 Datasheet HTML 8Page - Texas Instruments TLV320AIC1103PBSG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TLV320AIC1103
SLAS356 − DECEMBER 2001
4
www.ti.com
functional description
power on/reset
The power for the various digital and analog circuits is separated to improve the noise performance of the
device. An external reset must be applied to the active low RESET terminal to assure reset upon power on. After
the initial power-on sequence the TLV320AIC1103 can be functionally powered up and down by writing to the
power control register through the I2C interface. There is a hardwired selectable power-up terminal in default
mode option. The PWRUPSEL function allows the VBAP to power up in the default mode and allows use without
a microcontroller.
reference
A precision band gap reference voltage is generated internally and supplies all required voltage references to
operate the transmit and receive channels. The reference system also supplies bias voltage for use with an
electret microphone at terminal MBIAS. An external precision resistor is required for reference current setting
at terminal REXT.
control interface
The I2C interface is a two-wire bidirectional serial interface that controls the PCM codec by writing data to the
six control registers:
D Power control
D Mode control
D Transmit PGA and sidetone control
D Receive PGA gain and volume control
D DTMF high tone
D DTMF low tone
There are two power-up modes which may be selected at the PWRUPSEL terminal:
D The PWRUPSEL state (VDD at terminal 20) causes the device to power up in the default mode when power
is applied. In the default mode, the I2C interface is not required, and the device may be used without an I2C
interface. The programmable functions are fixed in the default modes.
D The PWRUPSEL state (ground at terminal 20) causes the device to go to a power-down state when power
is applied. In this mode an I2C interface is required to power up the device.
phase-locked loop
The internal digital filters and modulators require a 10.24-MHz clock that is generated by phase locking to the
2.048-MHz master clock input.
PCM interface
The PCM interface transmits and receives data at the PCMO and PCMI terminals respectively. The data is
transmitted or received at the PCMCLK speed once every PCMSYN cycle. The PCMCLK can be tied directly
to the 2.048-MHz master clock (MCLK). The PCMSYN can be driven by an external source or derived from the
master clock and used as an interrupt to the host controller.
microphone amplifiers
The microphone input is a switchable interface for two differential microphone inputs. The first stage is a low-
noise differential amplifier that provides a gain of 23.5 dB. The second stage amplifier has a selectable gain of
0 dB or 12 dB.


Similar Part No. - TLV320AIC1103PBSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1103 TI-TLV320AIC1103 Datasheet
411Kb / 31P
[Old version datasheet]   PCM CODEC
More results

Similar Description - TLV320AIC1103PBSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI-TLV320AIC1110 Datasheet
508Kb / 39P
[Old version datasheet]   PCM CODEC
TLV320AIC1103 TI-TLV320AIC1103 Datasheet
411Kb / 31P
[Old version datasheet]   PCM CODEC
TLV320AIC1107 TI-TLV320AIC1107 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com