Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6SU-2G-Y24VDC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # G6SU-2G-Y24VDC
Description  SURFACE-MOUNTING SIGNAL RELAY-G6S
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G6SU-2G-Y24VDC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  G6SU-2G-Y24VDC Datasheet HTML 1Page - List of Unclassifed Manufacturers G6SU-2G-Y24VDC Datasheet HTML 2Page - List of Unclassifed Manufacturers G6SU-2G-Y24VDC Datasheet HTML 3Page - List of Unclassifed Manufacturers G6SU-2G-Y24VDC Datasheet HTML 4Page - List of Unclassifed Manufacturers G6SU-2G-Y24VDC Datasheet HTML 5Page - List of Unclassifed Manufacturers G6SU-2G-Y24VDC Datasheet HTML 6Page - List of Unclassifed Manufacturers G6SU-2G-Y24VDC Datasheet HTML 7Page - List of Unclassifed Manufacturers G6SU-2G-Y24VDC Datasheet HTML 8Page - List of Unclassifed Manufacturers G6SU-2G-Y24VDC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
235
Text
234
Text
Surface-Mounting Signal Relay – G6S
Maximum Switching Power
Single-winding Latching
Double-winding Latching
Switching voltage (V)
Ambient temperature (
°C)
Ambient Temperature vs.
Maximum Coil Voltage
Single-side Stable
Ambient temperature (
°C)
G6SU
G6SK
12 VDC
max.
G6SK
24 VDC
AC resistive load
DC resistive load
12 VDC max.
24 VDC
(G6S-Y, 12 VDC max.)
Reference Data
Ambient Temperature vs. Switching Current
Single-side Stable
Single-winding Latching
Double-winding Latching
Ambient temperature (
°C)
G6SU
12 VDC max.
G6SU
24 VDC
G6SK
12 VDC max.
G6SK
24 VDC
Ambient temperature (
°C)
12 VDC max.
24 VDC
(G6S-Y)
24 VDC
(G6S-Y, 12 VDC
max.)
24 VDC
(G6S-Y)
Note: The maximum coil voltage refers to the maximum value in a varying range of
operating power voltage, not a continuous voltage.
Engineering Data
Soldering
Preheating
Upper surface of case (peak):
255∞C max.
120 max.
30 max
250 max.
230
180
150
Relay
terminal
section
Soldering
Preheating
220 to
245
180 to
200
150
90 to 120
20 to 30
Temperatures indicate the surface temperatures of the PCB.
• The thickness of cream solder to be applied should be within a
range between 150 and 200 µm on OMRON’s recommended
PCB pattern.
• In order to perform correct soldering, it is recommended that the
correct soldering conditions be maintained as shown below on
the left side.
Note: The temperature profile indicates the temperature of the
relay terminal section.
Recommended Soldering Method
1. IRS Method (Mounting solder: Lead)
2. IRS Method (Mounting solder: Lead-free)
Time (s)
Time (s)
Surface-Mounting Signal Relay – G6S
Model
Contact form
Coil ratings
Contact ratings
G6S-2, G6S-2F, G6S-2G
DPDT
1.5 to 48 VDC
G6SU2, G6SK-2, G6SU-2F
1.5 to 24 VDC
G6SU2G, G6SK-2F, G6SK-2G
Approved Standards
UL (File No. E41515)/CSA C22.2 (File No. LR24825)
2 A, 30 VDC
0.3 A, 110 VDC
0.5 A, 125 VAC
Model
Contact form
Isolation category
Voltage
G6S-2-Y, G6S-2G-Y, G6S-2F-Y
DPDT
Supplementary Isolation
250 VAC
EN60950
Characteristics
Contact resistance (Note)
75 mΩ max.
Operate (set) time (Note 2)
4 ms max. (mean value: approx. 2.5 ms; latching type: approx. 2 ms)
Release (reset) time (Note 2)
4 ms max. (mean value: approx. 1.5 ms; latching type: approx. 2 ms)
Max. operating frequency
Mechanical: 36,000 operations/hr
Electrical: 1,800 operations/hr (under rated load)
Insulation resistance (Note 3)
1,000 MΩ min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between coil and contacts
1,000 VAC, 50/60 Hz for 1 min between coil and contacts (double-winding latching)
1,500 VAC, 50/60 Hz for 1 min between contacts of different polarity
1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
500 VAC, 50/60 Hz for 1 min between set and reset coil (double-winding latching)
Impulse withstand voltage
2,500 V (2 x 10 µs) between coil and contacts
1,500 V (10 x 160 µs) between coil and contacts (double-winding latching)
2,500 V (2 x 10 µs) between contacts of different polarity
1,500 V (10 x 160 µs) between contacts of same polarity (conforms to FCC Part 68)
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 2.5mm single amplitude (5mm double amplitude)
Malfunction: 10 to 55 to 10 Hz, 1.65mm single amplitude (3.3mm double amplitude)
Shock resistance
Destruction: 1,000 m/s2 (approx. 100G)
Malfunction: 750 m/s2 (approx. 175G)
Endurance
Mechanical: 100,000,000 operations min. (at 36,000 operations/hr)
Electrical: 100,000 operations min. (2 A at 30 VDC, resistive load: 1,200 operations/hr)
100,000 operations min. (0.5 A at 125 VAC, resistive load)
Ambient temperature
Operating: -40˚C to 85˚C (with no icing), -40˚C to 70˚C (double-winding latching, 24 VDC)
Ambient humidity
Operating: 5% to 85%
Weight
Approx. 2 g
Note: The above values are initial values.
Note: 1. The contact resistance was measured with 10mA at 1 VDC with a voltage drop method.
Note: 2. Values in parentheses are actual values.
Note: 3. The insulation resistance was measured with a 500-VDC megohmeter applied to the same parts as those used for checking
the dielectric strength (except between the set and reset coil).
Omron 08 Cat 1-302
5/10/07
15:39
Page 234


Similar Part No. - G6SU-2G-Y24VDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G6SU-2G-Y24VDC ETC2-G6SU-2G-Y24VDC Datasheet
1Mb / 9P
   SURFACE-MOUNTING SIGNAL RELAY - G6S
More results

Similar Description - G6SU-2G-Y24VDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G6SU2F5DC ETC2-G6SU2F5DC Datasheet
1Mb / 9P
   SURFACE-MOUNTING SIGNAL RELAY - G6S
logo
Omron Electronics LLC
G6J2FSYTRDC45 OMRON-G6J2FSYTRDC45 Datasheet
346Kb / 12P
   Surface-mounting Relay
G6J-Y OMRON-G6J-Y Datasheet
400Kb / 12P
   Surface-mounting Relay
G6J-2FS-Y-TRDC45 OMRON-G6J-2FS-Y-TRDC45 Datasheet
346Kb / 12P
   Surface-mounting Relay
G6J2PYDC12 OMRON-G6J2PYDC12 Datasheet
346Kb / 12P
   Surface-mounting Relay G6J-Y
logo
Picker Components
PC302S PICKER-PC302S_14 Datasheet
246Kb / 2P
   Microminiature Surface Mount Signal Relay
PC303S PICKER-PC303S Datasheet
145Kb / 2P
   Microminiature Surface Mount Signal Relay
PC302S PICKER-PC302S Datasheet
173Kb / 2P
   Microminiature Surface Mount Signal Relay
PC304S PICKER-PC304S Datasheet
127Kb / 2P
   Microminiature Surface Mount Signal Relay
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com