Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5620IDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5620IDR
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5620IDR Datasheet(HTML) 2 Page - Texas Instruments

  TLV5620IDR Datasheet HTML 1Page - Texas Instruments TLV5620IDR Datasheet HTML 2Page - Texas Instruments TLV5620IDR Datasheet HTML 3Page - Texas Instruments TLV5620IDR Datasheet HTML 4Page - Texas Instruments TLV5620IDR Datasheet HTML 5Page - Texas Instruments TLV5620IDR Datasheet HTML 6Page - Texas Instruments TLV5620IDR Datasheet HTML 7Page - Texas Instruments TLV5620IDR Datasheet HTML 8Page - Texas Instruments TLV5620IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TLV5620C, TLV5620I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS110B – JANUARY 1995 – REVISED APRIL 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
Power-On
Reset
Serial
Interface
× 2
DAC
DAC
× 2
× 2
DAC
DAC
× 2
LDAC
REFA
+
+
+
+
+
+
+
+
REFB
REFC
CLK
REFD
DATA
LOAD
DACA
DACB
DACC
DACD
8
8
8
8
8
8
8
8
Latch
Latch
Latch
Latch
Latch
Latch
Latch
Latch
2
3
4
5
7
6
8
13
12
11
10
9
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CLK
7
I
Serial interface clock. The input digital data is shifted into the serial interface register on the falling edge of the clock
applied to the CLK terminal.
DACA
12
O
DAC A analog output
DACB
11
O
DAC B analog output
DACC
10
O
DAC C analog output
DACD
9
O
DAC D analog output
DATA
6
I
Serial interface digital data input. The digital code for the DAC is clocked into the serial interface register serially.
Each data bit is clocked into the register on the falling edge of the clock signal.
GND
1
I
Ground return and reference terminal
LDAC
13
I
Load DAC. When this signal is high, no DAC output updates occur when the input digital data is read into the serial
interface. The DAC outputs are only updated when LDAC is taken from high to low.
LOAD
8
I
Serial interface load control. When the LDAC terminal is low, the falling edge of the LOAD signal latches the digital
data into the output latch and immediately produces the analog voltage at the DAC output terminal.
REFA
2
I
Reference voltage input to DAC A. This voltage defines the output analog range.
REFB
3
I
Reference voltage input to DAC B. This voltage defines the analog output range.
REFC
4
I
Reference voltage input to DAC C. This voltage defines the analog output range.
REFD
5
I
Reference voltage input to DAC D. This voltage defines the analog output range.
VDD
14
I
Positive supply voltage


Similar Part No. - TLV5620IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLV5620IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com