Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C5420GGUA200 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320C5420GGUA200
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5420GGUA200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C5420GGUA200 Datasheet HTML 2Page - Texas Instruments TMS320C5420GGUA200 Datasheet HTML 3Page - Texas Instruments TMS320C5420GGUA200 Datasheet HTML 4Page - Texas Instruments TMS320C5420GGUA200 Datasheet HTML 5Page - Texas Instruments TMS320C5420GGUA200 Datasheet HTML 6Page - Texas Instruments TMS320C5420GGUA200 Datasheet HTML 7Page - Texas Instruments TMS320C5420GGUA200 Datasheet HTML 8Page - Texas Instruments TMS320C5420GGUA200 Datasheet HTML 9Page - Texas Instruments TMS320C5420GGUA200 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
TMS320VC5420
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS080F − MARCH 1999 − REVISED OCTOBER 2008
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
pin assignments
The 5420 pin assignments tables list each pin name and corresponding pin number for the two package types.
Some of the 5420 pins can be configured for one of two functions. For these pins, the primary pin name is listed
in the primary column. The secondary pin name is listed in the secondary column and is shaded grey.
Pin Assignments for the TMS320VC5420PGE
(144-Pin Low-Profile Quad Flatpack)
PRIMARY
SIGNAL NAME
SECONDARY
SIGNAL NAME
PIN
NO.
PRIMARY
SIGNAL NAME
SECONDARY
SIGNAL NAME
PIN
NO.
PPD7
HD7
1
PPA8
2
PPA0
A_HINT
3
DVDD
4
PPA9
5
PPD1
HD1
6
A_INT1
7
A_NMI
8
IOSTRB
A_GPIO3
9
A_GPIO2/BIO
10
IOSTRB
A_TOUT
9
A_GPIO2/BIO
10
A_GPIO1
11
A_RS
12
A_GPIO0
13
VSS
14
VSS
15
CVDD
16
A_BFSR1
17
A_BDR1
18
A_BCLKR1
19
A_BFSX1
20
CVDD
21
VSS
22
A_BDX1
23
A_BCLKX1
24
A_XF
25
A_CLKOUT
26
VCO
27
TCK
28
TMS
29
TDI
30
TRST
31
EMU1
32
DVDD
33
A_INT0
34
EMU0
35
TDO
36
VSS
37
PPD15
HD15
38
PPD14
HD14
39
VSS
40
PPD13
HD13
41
PPD12
HD12
42
A_BFSR0
43
A_BDR0
44
A_BCLKR0
45
A_BFSX0
46
VSS
47
CVDD
48
A_BDX0
49
A_BCLKX0
50
MSTRB
HCS
51
DS
HDS2
52
PS
HDS1
53
B_BCLKX0
54
B_BDX0
55
DVDD
56
VSS
57
B_BFSX0
58
B_BCLKR0
59
B_BDR0
60
CVDD
61
VSS
62
B_BFSR0
63
R/W
HR/W
64
PPA2
HCNTL1
65
PPA3
HCNTL0
66
SELA/B
67
PPD8
HD8
68
PPD9
HD9
69
PPD10
HD10
70
PPD11
HD11
71
VSS
72


Similar Part No. - TMS320C5420GGUA200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C542 TI-TMS320C542 Datasheet
1Mb / 111P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C542 TI1-TMS320C542 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C542 TI1-TMS320C542 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C5421GGUA200 TI1-TMS320C5421GGUA200 Datasheet
1Mb / 104P
[Old version datasheet]   TMS320VC5421 Fixed-Point Digital Signal Processor
TMS320C5421GGUR200 TI1-TMS320C5421GGUR200 Datasheet
1Mb / 104P
[Old version datasheet]   TMS320VC5421 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C5420GGUA200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com