Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6480A Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK6480A
Description  2K / 4K / 8Kbit Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6480A Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK6480A Datasheet HTML 1Page - Asahi Kasei Microsystems AK6480A Datasheet HTML 2Page - Asahi Kasei Microsystems AK6480A Datasheet HTML 3Page - Asahi Kasei Microsystems AK6480A Datasheet HTML 4Page - Asahi Kasei Microsystems AK6480A Datasheet HTML 5Page - Asahi Kasei Microsystems AK6480A Datasheet HTML 6Page - Asahi Kasei Microsystems AK6480A Datasheet HTML 7Page - Asahi Kasei Microsystems AK6480A Datasheet HTML 8Page - Asahi Kasei Microsystems AK6480A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ASAHI KASEI
[AK6420A/40A/80A]
DAS01E-00
1999/05
- 4 -
„
„
„
„ Pin Description
CS (Chip Select)
When SK is high level and CS is changed from high level to low level, AK6420A/40A/80A can receive the
instructions. CS should be kept low level while receiving op-code, address and data and while outputting data.
If CS is changed to high level during the above period, AK6420A/40A/80A stops the instruction execution.
When SK is low and CS is changed from high level to low level, AK6420A/40A/80A will be in status output
mode. The CS need not be low level during the automatic write time-out period (BUSY status).
SK (Serial Clock)
The SK clock pin is the synchronous clock input for input/output data. At write operation, AK6420A/40A/80A
takes in the write data from data input pin (DI) synchronously with rising edge of input pulse of serial clock pin
(SK). And at read operation, AK6420A/40A/80A takes out the read data to data output pin (DO)
synchronously with falling edge of SK. The SK clock is not needed during the automatic write time-out period
(BUSY status), the status output period and when the device isn't selected (CS = high level).
DI (Data Input)
The op-code, address and write data is input to the DI pin.
DO (Data Output)
The DO pin outputs the read data and status signal and will be high impedance except for this timing.
RDY/BUSY (Ready/Busy status)
This pin outputs the internal programming status. When the AK6420A/40A/80A is in the automatic write time-
out period, this pin outputs the low level (BUSY status), and outputs the high level except for this timing.
RESET (Reset)
The AK6420A/40A/80A stops executing the write instruction when the RESET pin is high level. The RESET
pin should be low level while the write instruction input period and the automatic write time-out period. If the
RESET pin is high level while the automatic write time-out period, the AK6420A/40A/80A stops execution of
internal programming and the device returns to ready status. In this case the word data of the specified
address will be incomplete. When inputting the new instruction after RESET, the CS should be set to high
level. The read, write enable and write disable instructions are not affected by RESET pin status.
Vcc (Power Supply)
GND (Ground)


Similar Part No. - AK6480A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6480A AKM-AK6480A Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
More results

Similar Description - AK6480A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
   CMOS 2K/4K-bit SERIAL EEPROM
logo
Asahi Kasei Microsystem...
AK6480C AKM-AK6480C Datasheet
173Kb / 15P
   8Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com