Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M9IDR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M9IDR
Description  LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27M9IDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC27M9IDR Datasheet HTML 3Page - Texas Instruments TLC27M9IDR Datasheet HTML 4Page - Texas Instruments TLC27M9IDR Datasheet HTML 5Page - Texas Instruments TLC27M9IDR Datasheet HTML 6Page - Texas Instruments TLC27M9IDR Datasheet HTML 7Page - Texas Instruments TLC27M9IDR Datasheet HTML 8Page - Texas Instruments TLC27M9IDR Datasheet HTML 9Page - Texas Instruments TLC27M9IDR Datasheet HTML 10Page - Texas Instruments TLC27M9IDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
www.ti.com
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
ELECTRICAL CHARACTERISTICS
at specified free-air temperature, VDD = 10 V (unless otherwise noted)
TLC27M4C
TLC27M4AC
TLC27M4BC
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
TLC27M9C
MIN
TYP
MAX
25°C
1.1
10
VO = 1.4 V,
VIC = 0,
TLC27M4C
RS = 50 Ω,
RL = 100 kΩ
Full range
12
mV
25°C
0.9
5
VO = 1.4 V,
VIC = 0,
TLC27M4AC
RS = 50 Ω,
RL = 100 kΩ
Full range
6.5
VIO
Input offset voltage
25°C
260
2000
VO = 1.4 V,
VIC = 0,
TLC274BC
RS = 50 Ω,
RL = 100 kΩ
Full range
3000
µV
25°C
220
1200
VO = 1.4 V,
VIC = 0,
TLC279C
RS = 50 Ω,
RL = 100 kΩ
Full range
1900
Average temperature coefficient of input
αVIO
25°C to 70°C
2.1
µV/°C
offset voltage
25°C
0.1
IIO
Input offset current(2)
VO = 5 V,
VIC = 5 V
pA
70°C
7
300
25°C
0.7
IIB
Input bias current(2)
VO = 5 V,
VIC = 5 V
pA
70°C
50
600
–0.2
–0.3
25°C
to
to
V
9
9.2
VICR
Common-mode input voltage range(3)
–0.2
Full range
to
V
8.5
25°C
8
8.7
VOH
High-level output voltage
VID = 100 mV,
RL = 100 kΩ
0°C
7.8
8.7
V
70°C
7.8
8.7
25°C
0
50
VOL
Low-level output voltage
VID = –100 mV,
IOL = 0
0°C
0
50
mV
70°C
0
50
25°C
25
275
Large-signal differential voltage
AVD
VO = 1 V to 6 V,
RL = 100 kΩ
0°C
15
320
V/mV
amplification
70°C
15
230
25°C
65
94
CMRR
Common-mode rejection ratio
VIC = VICRmin
0°C
60
94
dB
70°C
60
94
25°C
70
93
Supply-voltage rejection ratio
kSVR
VDD = 5 V to 10 V, VO = 1.4 V
0°C
60
92
dB
(
ΔVDD/ΔVIO)
70°C
60
94
25°C
570
1200
VO = 5 V,
IDD
Supply current (four amplifiers)
VIC = 5 V,
0°C
690
1600
µA
No load
70°C
440
1120
(1)
Full range is 0°C to 70°C.
(2)
The typical values of input bias current and input offset current below 5 pA were determined mathematically.
(3)
This range also applies to each input individually.
Copyright © 1987–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9


Similar Part No. - TLC27M9IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27M9IDR TI1-TLC27M9IDR Datasheet
1Mb / 52P
[Old version datasheet]   PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M9IDR TI-TLC27M9IDR Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M9IDR TI-TLC27M9IDR Datasheet
1Mb / 47P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M9IDRG4 TI1-TLC27M9IDRG4 Datasheet
1Mb / 52P
[Old version datasheet]   PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M9IDRG4 TI-TLC27M9IDRG4 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC27M9IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V02 Datasheet
1Mb / 47P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
[Old version datasheet]   LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC1078CDRG4 TI-TLC1078CDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com