Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320TCI6487ZUN Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320TCI6487ZUN
Description  TMS320TCI6487/8 Communications Infrastructure Digital Signal Processor
Download  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320TCI6487ZUN Datasheet(HTML) 5 Page - Texas Instruments

  TMS320TCI6487ZUN Datasheet HTML 1Page - Texas Instruments TMS320TCI6487ZUN Datasheet HTML 2Page - Texas Instruments TMS320TCI6487ZUN Datasheet HTML 3Page - Texas Instruments TMS320TCI6487ZUN Datasheet HTML 4Page - Texas Instruments TMS320TCI6487ZUN Datasheet HTML 5Page - Texas Instruments TMS320TCI6487ZUN Datasheet HTML 6Page - Texas Instruments TMS320TCI6487ZUN Datasheet HTML 7Page - Texas Instruments TMS320TCI6487ZUN Datasheet HTML 8Page - Texas Instruments TMS320TCI6487ZUN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 219 page
background image
DSP Subsystem2
C64x+Megamodule
L1P MemoryController(MemoryProtect/BandwidthMgmt)
InstructionFetch
EDMA 3.0
A RegisterFile
A31- A16
A15- A0
BRegisterFile
B31-B16
B15-B0
.L1
.S1
.M1
xx
xx
.D1
C64x+DSP Core
32KBytes
L1P SRAM/Cache
Direct-Mapped
L2/Cache
0.5-1.5M
32KBytesTotal
L1DSRAM/Cache2-Way
Set Associative
RSA
RSA
PLL1and
PLL1Controller
Semaphore
RAC
(A)
Power-DownandDevice
ConfigurationLogic
L3ROM
BootConfiguration
DDR2Memory
Controller
PLL2
SerialRapidIO
(2x)
TCP2
VCP2
McBSP0
EMAC
10/100/1000
SGMII
MDIO
Timer[0-5]
I2C
GPIO16
FSYNC
Antenna
Interface
32
L1DataMemoryController(MemoryProtect/BandwidthMgmt)
DSP Subsystem1
DSP Subsystem0
2
McBSP1
16
.D2
.M2
xx
xx
.S2
.L2
16-/32-bit
InstructionDispatch
InstructionDecode
ControlRegisters
SPLOOP Buffer
In-CircuitEmulation
TMS320TCI6487
TMS320TCI6488
www.ti.com
SPRS358L
– APRIL 2007 – REVISED APRIL 2011
1.3
TCI6487/8 Functional Block Diagram
Figure 1-2 shows the functional block diagram of the TCI6487/8 device.
A.
RAC is available only for TCI6488.
Figure 1-2. Functional Block Diagram
Copyright
© 2007–2011, Texas Instruments Incorporated
Features
5
Submit Documentation Feedback
Product Folder Link(s): TMS320TCI6487


Similar Part No. - TMS320TCI6487ZUN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6487 TI-TMS320TCI6487 Datasheet
2Mb / 206P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI-TMS320TCI6487 Datasheet
523Kb / 90P
[Old version datasheet]   Digital Signal Processor Silicon Revisions 1.3, 1.2, 1.1, 1.0
TMS320TCI6487 TI1-TMS320TCI6487 Datasheet
1Mb / 220P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI-TMS320TCI6487_1 Datasheet
523Kb / 90P
[Old version datasheet]   Digital Signal Processor Silicon Revisions 1.3, 1.2, 1.1, 1.0
TMS320TCI6487 TI1-TMS320TCI6487_19 Datasheet
1Mb / 220P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
More results

Similar Description - TMS320TCI6487ZUN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6484CMH TI1-TMS320TCI6484CMH Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6484 TI1-TMS320TCI6484 Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI1-TMS320TCI6487_19 Datasheet
1Mb / 220P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482 TI-TMS320TCI6482 Datasheet
2Mb / 255P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI-TMS320TCI6487 Datasheet
2Mb / 206P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482GTZ TI1-TMS320TCI6482GTZ Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320C6457CCMH TI1-TMS320C6457CCMH Datasheet
2Mb / 217P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6489 TI1-TMS320TCI6489 Datasheet
1Mb / 197P
[Old version datasheet]   TMS320TCI6489 Communications Infrastructure Digital Signal Processor
TMS320TCI6486 TI1-TMS320TCI6486 Datasheet
1Mb / 268P
[Old version datasheet]   TMS320TCI6486 Communications Infrastructure Digital Signal Processor
SM320C6457-HIREL TI1-SM320C6457-HIREL Datasheet
1Mb / 209P
[Old version datasheet]   SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com