Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6435ZWT4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6435ZWT4
Description  Digital Media Processor
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6435ZWT4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM6435ZWT4 Datasheet HTML 3Page - Texas Instruments TMS320DM6435ZWT4 Datasheet HTML 4Page - Texas Instruments TMS320DM6435ZWT4 Datasheet HTML 5Page - Texas Instruments TMS320DM6435ZWT4 Datasheet HTML 6Page - Texas Instruments TMS320DM6435ZWT4 Datasheet HTML 7Page - Texas Instruments TMS320DM6435ZWT4 Datasheet HTML 8Page - Texas Instruments TMS320DM6435ZWT4 Datasheet HTML 9Page - Texas Instruments TMS320DM6435ZWT4 Datasheet HTML 10Page - Texas Instruments TMS320DM6435ZWT4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 252 page
background image
2
Device Overview
2.1 Device Characteristics
TMS320DM6435
Digital Media Processor
www.ti.com
SPRS344C – NOVEMBER 2006 – REVISED JUNE 2008
Table 2-1, provides an overview of the TMS320DM6435 DSP. The tables show significant features of the
DM6435 device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the
package type with pin count.
Table 2-1. Characteristics of the DM6435 Processor
HARDWARE FEATURES
DM6435
DDR2 Memory Controller
(16-/32-bit bus width) [1.8 V I/O]
Asynchronous (8-bit bus width),
Asynchronous EMIF [EMIFA]
RAM, Flash, (8-bit NOR or 8-bit NAND)
EDMA3
1 (64 independent channels, 8 QDMA channels)
2 64-bit General Purpose
Timers
(configurable as 2 64-bit or 4 32-bit)
1 64-bit Watch Dog
UARTs
2 (one with RTS and CTS flow control)
Peripherals
I2C
1 (Master/Slave)
Not all peripherals pins
McBSP
1
are available at the same
time (For more detail, see
McASP
1 (4 serailizers)
the Device Configuration
10/100 Ethernet MAC (EMAC) with
section).
1
Management Data Input/Output (MDIO)
VLYNQ
1
General-Purpose Input/Output Port (GPIO)
Up to 111 pins
PWM
3 outputs
HPI (16-bit)
1
Configurable Video Port
1 Input (VPFE)
HECC
1
Size (Bytes)
240KB RAM, 64KB ROM
32K-Byte (32KB) L1 Program (L1P) RAM/Cache
(Cache up to 32KB)
On-Chip Memory
Organization
80KB L1 Data (L1D) RAM/Cache (Cache up to 32KB)
128KB Unified Mapped RAM/Cache (L2)
64KB Boot ROM
Revision ID Register (MM_REVID.[15:0])
See the TMS320DM6437/35/33/31 Digital Media
MegaModule Rev ID
(address location: 0x0181 2000)
Processor (DMP) [Silicon Revisions 1.1 and 1.0]
Silicon Errata (literature number SPRZ250).
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
JTAGID register
See Section 6.23.1, JTAG ID (JTAGID) Register
JTAG BSDL_ID
(address location: 0x01C4 0028)
Description(s)
700 (-7)
660 (-Q6)
CPU Frequency(1)(2)
MHz
600 (-6/-L)
500 (-5/-Q5)
400 (-4/-Q4)
2.5 ns (-4/-Q4)
2 ns (-5/-Q5)
Cycle Time(1)(2)
ns
1.67 ns (-6/-L)
1.51 ns (-Q6)
1.43 ns (-7)
(1)
Performance numbers assume core voltage is set to 1.2V.
(2)
Applies to "tape and reel" part number counterparts as well. For more information, see Section 2.8, Device and Development-Support
Tool Nomenclature.
Submit Documentation Feedback
Device Overview
7


Similar Part No. - TMS320DM6435ZWT4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6435ZWT4 TI1-TMS320DM6435ZWT4 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435ZWT4 TI1-TMS320DM6435ZWT4 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
More results

Similar Description - TMS320DM6435ZWT4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_08 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com