Electronic Components Datasheet Search |
|
ECKN3A470JGP Datasheet(PDF) 8 Page - Panasonic Semiconductor |
|
ECKN3A470JGP Datasheet(HTML) 8 Page - Panasonic Semiconductor |
8 / 9 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. High Voltage Ceramic Disc Capacitors (Low loss type) –15 –10 –5 0 +5 +10 –20 0 20 406080 100 120 Series KGE (Char. SL/GP) (Temp. Coeff. : +350 to –1000 ppm/˚C) Temperature ( °C) –30 –20 –10 0 +10 +20 –20 0 20 40 60 80 100 120 () Series KBP (Char. B/Y5P) Temp. Range : –25 to 85 °C max. Cap. Change : ±10 % Temperature ( °C) –30 –20 –10 0 +10 +20 –20 0 20 40 60 80 100 120 Series KRP (Char. R/Y5R) Temperature ( °C) () Temp. Range : –25 to 85 °C max. Cap. Change : ±15 % Rated Volt. Cap. in pF Capacitance Tolerance (%) Dimensions in mm Kinked Lead Type (Bulk) Kinked Lead Taping Type D max. T max. Part Number Dimensions in mm Part Number Taped Type Dimensions in mm Fd F d 3 kVDC 100 ±10 7.5 5.5 ECKA3F101KRP 7.5 0.65 ECKN3F101KRP N1 7.5 0.65 120 ±10 7.5 5.5 ECKA3F121KRP 7.5 0.65 ECKN3F121KRP N1 7.5 0.65 150 ±10 7.5 5.5 ECKA3F151KRP 7.5 0.65 ECKN3F151KRP N1 7.5 0.65 180 ±10 7.5 5.5 ECKA3F181KRP 7.5 0.65 ECKN3F181KRP N1 7.5 0.65 220 ±10 8.0 5.5 ECKA3F221KRP 7.5 0.65 ECKN3F221KRP N1 7.5 0.65 270 ±10 8.0 5.5 ECKA3F271KRP 7.5 0.65 ECKN3F271KRP N1 7.5 0.65 330 ±10 8.5 5.5 ECKA3F331KRP 7.5 0.65 ECKN3F331KRP N1 7.5 0.65 390 ±10 9.5 5.5 ECKA3F391KRP 7.5 0.65 ECKN3F391KRP N1 7.5 0.65 470 ±10 9.5 5.5 ECKA3F471KRP 7.5 0.65 ECKN3F471KRP N1 7.5 0.65 560 ±10 10.5 5.5 ECKA3F561KRP 7.5 0.65 ECKN3F561KRP N1 7.5 0.65 680 ±10 10.5 5.5 ECKA3F681KRP 7.5 0.65 ECKN3F681KRP N1 7.5 0.65 820 ±10 12.5 5.5 ECKA3F821KRP 7.5 0.65 ECKN3F821KRP N1 7.5 0.65 1000 ±10 12.5 5.5 ECKA3F102KRP 10.0 0.65 —— — — — 1200 ±10 14.5 5.5 ECKA3F122KRP 10.0 0.65 —— — — — 1500 ±10 14.5 5.5 ECKA3F152KRP 10.0 0.65 —— — — — 1800 ±10 16.5 5.5 ECKA3F182KRP 10.0 0.65 —— — — — 2200 ±10 17.0 5.5 ECKA3F222KRP 10.0 0.65 —— — — — ■ Ratings and Characteristics ● Series KRP (Class 2, Temp. Char. R/Y5R, 1 to 3 kVDC) (Continuation) ■ Typical Temperature Characteristics Feb. 2006 |
Similar Part No. - ECKN3A470JGP |
|
Similar Description - ECKN3A470JGP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |