Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6435ZWTQ5 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6435ZWTQ5
Description  Digital Media Processor
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6435ZWTQ5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320DM6435ZWTQ5 Datasheet HTML 7Page - Texas Instruments TMS320DM6435ZWTQ5 Datasheet HTML 8Page - Texas Instruments TMS320DM6435ZWTQ5 Datasheet HTML 9Page - Texas Instruments TMS320DM6435ZWTQ5 Datasheet HTML 10Page - Texas Instruments TMS320DM6435ZWTQ5 Datasheet HTML 11Page - Texas Instruments TMS320DM6435ZWTQ5 Datasheet HTML 12Page - Texas Instruments TMS320DM6435ZWTQ5 Datasheet HTML 13Page - Texas Instruments TMS320DM6435ZWTQ5 Datasheet HTML 14Page - Texas Instruments TMS320DM6435ZWTQ5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 252 page
background image
2.3 C64x+ CPU
TMS320DM6435
Digital Media Processor
www.ti.com
SPRS344C – NOVEMBER 2006 – REVISED JUNE 2008
The C64x+ core uses a two-level cache-based architecture. The Level 1 Program memory/cache (L1P)
consists of 32 KB memory space that can be configured as mapped memory or direct mapped cache. The
Level 1 Data memory/cache (L1D) consists of 80 KB—48 KB of which is mapped memory and 32 KB of
which can be configured as mapped memory or 2-way set associated cache. The Level 2 memory/cache
(L2) consists of a 128 KB memory space that is shared between program and data space. L2 memory can
be configured as mapped memory, cache, or a combination of both.
Table 2-2 shows a memory map of the C64x+ CPU cache registers for the device.
Table 2-2. C64x+ Cache Registers
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x0184 0000
L2CFG
L2 Cache configuration register
0x0184 0020
L1PCFG
L1P Size Cache configuration register
0x0184 0024
L1PCC
L1P Freeze Mode Cache configuration register
0x0184 0040
L1DCFG
L1D Size Cache configuration register
0x0184 0044
L1DCC
L1D Freeze Mode Cache configuration register
0x0184 0048 - 0x0184 0FFC
-
Reserved
0x0184 1000
EDMAWEIGHT
L2 EDMA access control register
0x0184 1004 - 0x0184 1FFC
-
Reserved
0x0184 2000
L2ALLOC0
L2 allocation register 0
0x0184 2004
L2ALLOC1
L2 allocation register 1
0x0184 2008
L2ALLOC2
L2 allocation register 2
0x0184 200C
L2ALLOC3
L2 allocation register 3
0x0184 2010 - 0x0184 3FFF
-
Reserved
0x0184 4000
L2WBAR
L2 writeback base address register
0x0184 4004
L2WWC
L2 writeback word count register
0x0184 4010
L2WIBAR
L2 writeback invalidate base address register
0x0184 4014
L2WIWC
L2 writeback invalidate word count register
0x0184 4018
L2IBAR
L2 invalidate base address register
0x0184 401C
L2IWC
L2 invalidate word count register
0x0184 4020
L1PIBAR
L1P invalidate base address register
0x0184 4024
L1PIWC
L1P invalidate word count register
0x0184 4030
L1DWIBAR
L1D writeback invalidate base address register
0x0184 4034
L1DWIWC
L1D writeback invalidate word count register
0x0184 4038
-
Reserved
0x0184 4040
L1DWBAR
L1D Block Writeback
0x0184 4044
L1DWWC
L1D Block Writeback
0x0184 4048
L1DIBAR
L1D invalidate base address register
0x0184 404C
L1DIWC
L1D invalidate word count register
0x0184 4050 - 0x0184 4FFF
-
Reserved
0x0184 5000
L2WB
L2 writeback all register
0x0184 5004
L2WBINV
L2 writeback invalidate all register
0x0184 5008
L2INV
L2 Global Invalidate without writeback
0x0184 500C - 0x0184 5027
-
Reserved
0x0184 5028
L1PINV
L1P Global Invalidate
0x0184 502C - 0x0184 5039
-
Reserved
0x0184 5040
L1DWB
L1D Global Writeback
0x0184 5044
L1DWBINV
L1D Global Writeback with Invalidate
0x0184 5048
L1DINV
L1D Global Invalidate without writeback
Submit Documentation Feedback
Device Overview
11


Similar Part No. - TMS320DM6435ZWTQ5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6435ZWTQ5 TI1-TMS320DM6435ZWTQ5 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435ZWTQ5 TI1-TMS320DM6435ZWTQ5 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
More results

Similar Description - TMS320DM6435ZWTQ5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_08 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com