Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJNC102MZFB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELJNC102MZFB
Description  1. High Frequency Use (Non Magnetic Core) RF, ND, NC, NA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNC102MZFB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELJNC102MZFB Datasheet HTML 1Page - Panasonic Semiconductor ELJNC102MZFB Datasheet HTML 2Page - Panasonic Semiconductor ELJNC102MZFB Datasheet HTML 3Page - Panasonic Semiconductor ELJNC102MZFB Datasheet HTML 4Page - Panasonic Semiconductor ELJNC102MZFB Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
Shape
Product code
Inductance
Packaging Design No.
Taping
Inductance tolerance
E
L
J
R
F1
0
NJ
F
B
F
Chip Inductors
RF
ND
NC
NA
1005
2012
2520
3225
1.5 nH
10 nH
220 nH
3.3
µH
47
µH
560
µH
1000
µH
1N5
10N
R22
3R3
470
561
102
±0.2 nH
±0.3 nH
±0.5 nH
±2%
±3%
±5%
±10 %
±20 %
Z
D
E
G
A
J
K
M
1. High Frequency Use (Non Magnetic Core) RF, ND, NC, NA
Features
● High Freq. use chip inductor using non magnetic core.
● Corespond to Re-flowsoldering and flow soldering.
● Wide line-up from 1005 size to 3225 size.
● Good for mounting.
Recommended Applications
● RF circuit for cellular phone and wireless communication equipment.
Explanation of Part Numbers
■Storage condition
● Package
: Normal temperature (–5 to 35 °C), normal humidity (85 %RH Max.), shall not be exposed to
direct sunlight and harmful gas and care should be taken so as not to cause dew.
● Product on PWB : Temperature –20 to +85 °C
■Storage period
● In generally, even if storage condition is good, solderability will be down cause of time progress.
Please use product within 6 months after received.
(In case of over 6 months storage period, use the product after confirmation of no abnormality of appearance and
solderability.)
■Packaging
Refer 28 ro 29 page.
■Soldering condition
Refer 30 page.
■Caution for use
Refer 31 page.
Japan
China
Feb. 2006


Similar Part No. - ELJNC102MZFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJNC102MF PANASONIC-ELJNC102MF Datasheet
571Kb / 15P
   Chip inductors
More results

Similar Description - ELJNC102MZFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF1N0FB PANASONIC-ELJRF1N0FB Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJRF10NJFB PANASONIC-ELJRF10NJFB Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA RoHS compliant
ELJRG1N0DF PANASONIC-ELJRG1N0DF Datasheet
51Kb / 1P
   Non Magnetic Core Types RG, RF, RE, NJ, ND, NC, NA Dimensions in mm (not to scale)
ELJ-NCR18JF PANASONIC-ELJ-NCR18JF Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core)
ELJ-RE33NJFA PANASONIC-ELJ-RE33NJFA Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJJRF PANASONIC-ELJJRF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-EA331KF PANASONIC-ELJ-EA331KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-FA3R9KF PANASONIC-ELJ-FA3R9KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-RF5N6DFB PANASONIC-ELJ-RF5N6DFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
logo
Schneider Electric
XCSDMP7002 SCHNEIDER-XCSDMP7002 Datasheet
78Kb / 2P
   coded magnetic switch XCSDMP - 2 NC 1 NO - 1 NC staggered - 2m
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com