Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS417400 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS417400
Description  4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS417400 Datasheet(HTML) 1 Page - Texas Instruments

  TMS417400 Datasheet HTML 1Page - Texas Instruments TMS417400 Datasheet HTML 2Page - Texas Instruments TMS417400 Datasheet HTML 3Page - Texas Instruments TMS417400 Datasheet HTML 4Page - Texas Instruments TMS417400 Datasheet HTML 5Page - Texas Instruments TMS417400 Datasheet HTML 6Page - Texas Instruments TMS417400 Datasheet HTML 7Page - Texas Instruments TMS417400 Datasheet HTML 8Page - Texas Instruments TMS417400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TMS416400, TMS416400P, TMS417400, TMS417400P
TMS426400, TMS426400P, TMS427400, TMS427400P
4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
SMKS881B – MAY 1995 – REVISED AUGUST 1995
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Electrical characteristics for TMS416400 / P and
TMS417400 / P is Production Data. Electrical
characteristics
for
TMS426400 / P
and
TMS427400 / P is Product Preview only.
D Organization...4194304 × 4
D Single 5 V Power Supply for TMS41x400/P
(
±10% Tolerance)
D Single 3.3 V Power Supply for
TMS42x400 / P (
±0.3 V Tolerance)
D Performance Ranges:
ACCESS ACCESS ACCESS READ OR
TIME
TIME
TIME
WRITE
tRAC
tCAC
tAA
CYCLE
MAX
MAX
MAX
MIN
’4xx400/P-60
60 ns
15 ns
30 ns
110 ns
’4xx400/P-70
70 ns
18 ns
35 ns
130 ns
’4xx400/P-80
80 ns
20 ns
40 ns
150 ns
D Enhanced Page-Mode Operation With
CAS-Before-RAS ( CBR ) Refresh
D Long Refresh Period and Self-Refresh
Option ( TMS4xx400P)
D 3-State Unlatched Output
D Low Power Dissipation
D High-Reliability Plastic 24/26-Lead
300-Mil-Wide Surface-Mount Small-Outline
J-Lead (SOJ) Package and 24 / 26-Lead
Surface-Mount Thin Small-Outline Package
( TSOP)
D Operating Free-Air Temperature Range:
0
°C to 70°C
D EPIC(Enhanced Performance Implanted
CMOS) Technology
AVAILABLE OPTIONS
DEVICE
POWER
SUPPLY
SELF
REFRESH
BATTERY
BACKUP
REFRESH
CYCLES
TMS416400
TMS416400P
TMS417400
TMS417400P
TMS426400
TMS426400P
TMS427400
TMS427400P
5 V
5 V
5 V
5 V
3.3 V
3.3 V
3.3 V
3.3 V
Yes
Yes
Yes
Yes
4096 in 64 ms
4096 in 128 ms
2048 in 32 ms
2048 in 128 ms
4096 in 64 ms
4096 in 128 ms
2048 in 32 ms
2048 in 128 ms
These devices feature maximum RAS access times of 60 ns, 70 ns, and 80 ns. All addresses and data-in lines
are latched on-chip to simplify system design. Data out is unlatched to allow greater system flexibility.
‡ See Available Options Table
PIN NOMENCLATURE
A0 – A11†
Address Inputs
CAS
Column-Address Strobe
DQ1 – DQ4
Data In / Data Out
OE
Output Enable
NC
No Internal Connection
RAS
Row-Address Strobe
VCC
5-V or 3.3-V Supply‡
VSS
Ground
W
Write Enable
DJ PACKAGE
( TOP VIEW )
VCC
DQ1
DQ2
W
RAS
A0
A1
A2
A3
VCC
VSS
DQ4
DQ3
CAS
OE
A7
A6
A5
A4
VSS
26
25
24
23
22
18
17
16
15
14
1
2
3
4
5
9
10
11
12
13
A11
A9
21
6
A10
A8
19
8
DGA PACKAGE
( TOP VIEW )
VCC
DQ1
DQ2
W
RAS
A0
A1
A2
A3
VCC
VSS
DQ4
DQ3
CAS
OE
A7
A6
A5
A4
VSS
26
25
24
23
22
18
17
16
15
14
1
2
3
4
5
9
10
11
12
13
A11
A9
21
6
A10
A8
19
8
† A11 is NC for TMS4x7400 / P.
description
The
TMS4xx400
is
a
set
of
high-speed,
16 777 216-bit dynamic random-access memories
organized as 4 194 304 words of 4 bits each. The
TMS4xx400P series are high-speed, low-power,
self-refresh,
16 777 216-bit
dynamic
random-
access memories organized as 4 194 304 words of
4 bits each. The TMS4xx400 and TMS4xx400P
employ
state-of-the-art
EPIC
(Enhanced
Performance Implanted CMOS) technology for
high performance, reliability, and low power.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Copyright
© 1995, Texas Instruments Incorporated
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - TMS417400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS417400 TI-TMS417400 Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400-60DJ TI-TMS417400-60DJ Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400-60DR TI-TMS417400-60DR Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400-70DJ TI-TMS417400-70DJ Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400A TI-TMS417400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS417400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS416400 TI-TMS416400 Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS416800 TI1-TMS416800 Datasheet
358Kb / 25P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
TMS416160 TI-TMS416160 Datasheet
413Kb / 28P
[Old version datasheet]   1048576-WORD BY 16-BIT HIGH-SPEED DRAMS
TMS417809 TI-TMS417809 Datasheet
397Kb / 28P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
TMS416169 TI-TMS416169 Datasheet
1Mb / 67P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS416169_1998 TI1-TMS416169_1998 Datasheet
391Kb / 26P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
logo
Mitsubishi Electric Sem...
M5M54R01J-12 MITSUBISHI-M5M54R01J-12 Datasheet
55Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01AJ-12 MITSUBISHI-M5M54R01AJ-12 Datasheet
43Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M5V4R01J-12 MITSUBISHI-M5M5V4R01J-12 Datasheet
56Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R04AJ-10 MITSUBISHI-M5M54R04AJ-10 Datasheet
44Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com