Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6420BH Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK6420BH
Description  2K / 4K / 8Kbit Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6420BH Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK6420BH Datasheet HTML 1Page - Asahi Kasei Microsystems AK6420BH Datasheet HTML 2Page - Asahi Kasei Microsystems AK6420BH Datasheet HTML 3Page - Asahi Kasei Microsystems AK6420BH Datasheet HTML 4Page - Asahi Kasei Microsystems AK6420BH Datasheet HTML 5Page - Asahi Kasei Microsystems AK6420BH Datasheet HTML 6Page - Asahi Kasei Microsystems AK6420BH Datasheet HTML 7Page - Asahi Kasei Microsystems AK6420BH Datasheet HTML 8Page - Asahi Kasei Microsystems AK6420BH Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ASAHI KASEI
[AK6420B/40B/80B]
DAS03E-00
1999/05
- 5 -
Functional Description
The AK6420B/40B/80B has 4 instructions such as READ, WRITE, WREN (write enable) and WRDS (write
disable). Each instruction is organized by op-code block (8bits), address block (8bits) and data (8bits
Õ2).
When input level of SK pin is high level and input level of chip select (CS) pin is changed from high level to low
level, AK6420B/40B/80B can receive the instructions.
When the instructions are executed consecutively, the CS pin should be brought to high level for a minimum of
250ns(Tcs) between consecutive instruction cycle.
„
„
„
„ Instruction Set For 6420B
Instruction
Op-Code
Address
Data
READ
1 0 1 0 1 0 0 0
A6 A5 A4 A3 A2 A1 A0 0
D15 -D0
WRITE
1 0 1 0 0 1 0 0
A6 A5 A4 A3 A2 A1 A0 0
D15 -D0
WREN
1 0 1 0 0 0 1 1
ÕýýÕýýÕýýÕýýÕýýÕýýÕýýÕ
WRDS
1 0 1 0 0 0 0 0
ÕýýÕýýÕýýÕýýÕýýÕýýÕýýÕ
( WRAL )
1 0 1 0 1 1 1 1
ÕýýÕýýÕýýÕýýÕýýÕýýÕýýÕ
D15 -D0
„
„
„
„ Instruction Set For 6440B
Instruction
Op-Code
Address
Data
READ
1 0 1 0 1 0 0 0
A7 A6 A5 A4 A3 A2 A1 A0
D15 -D0
WRITE
1 0 1 0 0 1 0 0
A7 A6 A5 A4 A3 A2 A1 A0
D15 -D0
WREN
1 0 1 0 0 0 1 1
ÕýýÕýýÕýýÕýýÕýýÕýýÕýýÕ
WRDS
1 0 1 0 0 0 0 0
ÕýýÕýýÕýýÕýýÕýýÕýýÕýýÕ
( WRAL )
1 0 1 0 1 1 1 1
ÕýýÕýýÕýýÕýýÕýýÕýýÕýýÕ
D15 -D0
„
„
„
„ Instruction Set For 6480B
Instruction
Op-Code
Address
Data
READ
1 0 1 0 1 0 0 A8
A7 A6 A5 A4 A3 A2 A1 A0
D15 -D0
WRITE
1 0 1 0 0 1 0 A8
A7 A6 A5 A4 A3 A2 A1 A0
D15 -D0
WREN
1 0 1 0 0 0 1 1
ÕýýÕýýÕýýÕýýÕýýÕýýÕýýÕ
WRDS
1 0 1 0 0 0 0 0
ÕýýÕýýÕýýÕýýÕýýÕýýÕýýÕ
( WRAL )
1 0 1 0 1 1 1 1
ÕýýÕýýÕýýÕýýÕýýÕýýÕýýÕ
D15 -D0
Õ:don't care
(Note) The WRAL instruction is used for factory function test only. User can't use this instruction .


Similar Part No. - AK6420BH

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6420A AKM-AK6420A Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AF AKM-AK6420AF Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
More results

Similar Description - AK6420BH

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
   CMOS 2K/4K-bit SERIAL EEPROM
logo
Asahi Kasei Microsystem...
AK6480C AKM-AK6480C Datasheet
173Kb / 15P
   8Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com