Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2511QDGNQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2511QDGNQ1
Description  USB Dedicated Charging Port Controller and Current Limiting Power Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2511QDGNQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2511QDGNQ1 Datasheet HTML 1Page - Texas Instruments TPS2511QDGNQ1 Datasheet HTML 2Page - Texas Instruments TPS2511QDGNQ1 Datasheet HTML 3Page - Texas Instruments TPS2511QDGNQ1 Datasheet HTML 4Page - Texas Instruments TPS2511QDGNQ1 Datasheet HTML 5Page - Texas Instruments TPS2511QDGNQ1 Datasheet HTML 6Page - Texas Instruments TPS2511QDGNQ1 Datasheet HTML 7Page - Texas Instruments TPS2511QDGNQ1 Datasheet HTML 8Page - Texas Instruments TPS2511QDGNQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
t
r
t
f
10%
90%
V
OUT
t
IOS
I
OS
I
OUT
C
L
OUT
R
L
V
EN
V
OUT
t
on
t
off
50%
10%
90%
50%
TPS2511-Q1
www.ti.com
SLUSBK5A – JUNE 2013 – REVISED JUNE 2013
Figure 1. Output Rise and Fall Test Load
Figure 2. Enable Timing, Active High Enable
Figure 3. Power-On and Off
Figure 4. Output Short-Circuit Parameters
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :TPS2511-Q1


Similar Part No. - TPS2511QDGNQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2511QDGNQ1 TI1-TPS2511QDGNQ1 Datasheet
1Mb / 28P
[Old version datasheet]   USB Dedicated Charging Port Controller and Current Limiting Power Switch
More results

Similar Description - TPS2511QDGNQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2511 TI1-TPS2511_14 Datasheet
1Mb / 28P
[Old version datasheet]   USB Dedicated Charging Port Controller and Current Limiting Power Switch
TPS2511 TI1-TPS2511 Datasheet
898Kb / 26P
[Old version datasheet]   USB Dedicated Charging Port Controller and Current Limiting Power Switch
TPS2511-Q1 TI1-TPS2511-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   USB Dedicated Charging Port Controller and Current Limiting Power Switch
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
   USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
   USB dedicated charging port controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com