Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2212IDBG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2212IDBG4
Description  SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2212IDBG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2212IDBG4 Datasheet HTML 5Page - Texas Instruments TPS2212IDBG4 Datasheet HTML 6Page - Texas Instruments TPS2212IDBG4 Datasheet HTML 7Page - Texas Instruments TPS2212IDBG4 Datasheet HTML 8Page - Texas Instruments TPS2212IDBG4 Datasheet HTML 9Page - Texas Instruments TPS2212IDBG4 Datasheet HTML 10Page - Texas Instruments TPS2212IDBG4 Datasheet HTML 11Page - Texas Instruments TPS2212IDBG4 Datasheet HTML 12Page - Texas Instruments TPS2212IDBG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TPS2212
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
FOR LOW POWER PC CARD SLOTS
SLVS193A – APRIL 1999 – REVISED JANUARY 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
ICC(5V)
Supply current
vs Junction Temperature
14
ICC(3.3V)
Supply current
vs Junction Temperature
15
rDS(on)
Static drain-source on-state resistance, 5-V VCC switch
vs Junction Temperature
16
rDS(on)
Static drain-source on-state resistance, 3.3-V VCC switch
vs Junction Temperature
17
rDS(on)
Static drain-source on-state resistance, 12-V VPP switch
vs Junction Temperature
18
VO(VCC)
Output voltage, 5-V VCC switch
vs Output current
19
VO(VCC)
Output voltage, 3.3-V VCC switch
vs Output current
20
VO(VPP)
Output voltage, 12-V VPP switch
vs Output current
21
IOS(VCC)
Short-circuit current, 5-V VCC switch
vs Junction Temperature
22
IOS(VCC)
Short-circuit current, 3.3-V VCC switch
vs Junction Temperature
23
IOS(VPP)
Short-circuit current, 12-V VPP switch
vs Junction Temperature
24


Similar Part No. - TPS2212IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2212IDBG4 TI-TPS2212IDBG4 Datasheet
484Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
More results

Similar Description - TPS2212IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2212IDB TI-TPS2212IDB Datasheet
506Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI1-TPS2212IDB Datasheet
506Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212 TI-TPS2212 Datasheet
296Kb / 20P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2212IDBR TI-TPS2212IDBR Datasheet
484Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com