Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40090PWRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS40090PWRG4
Description  HIGH-FREQUENCY, MULTIPHASE CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40090PWRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS40090PWRG4 Datasheet HTML 1Page - Texas Instruments TPS40090PWRG4 Datasheet HTML 2Page - Texas Instruments TPS40090PWRG4 Datasheet HTML 3Page - Texas Instruments TPS40090PWRG4 Datasheet HTML 4Page - Texas Instruments TPS40090PWRG4 Datasheet HTML 5Page - Texas Instruments TPS40090PWRG4 Datasheet HTML 6Page - Texas Instruments TPS40090PWRG4 Datasheet HTML 7Page - Texas Instruments TPS40090PWRG4 Datasheet HTML 8Page - Texas Instruments TPS40090PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
PW
RHD
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CS1
CS2
CS3
CS4
CSCN
ILIM
DROOP
REF
COMP
FB
DIFFO
VOUT
EN/SYNC
VIN
BP5
PWM1
PWM2
PWM3
PWM4
GND
RT
SS
PGOOD
GNDS
FB
DIFFO
VOUT
NC
GNDS
PGOOD
NC
28
CS2
27
CS1
26
NC
25
NC
24
EN/SYNC
23
VIN
22
BP5
8
9
10
11
12
13
14
TPS40090
TPS40091
www.ti.com
SLUS578B
– OCTOBER 2003 – REVISED MAY 2006
HIGH-FREQUENCY, MULTIPHASE CONTROLLER
Check for Samples: TPS40090, TPS40091
1
FEATURES
PW PACKAGE
2
Two-, Three-, or Four-Phase Operation
(TOP VIEW)
5-V to 15-V Operating Range
Programmable Switching Frequency Up to
1-MHz/Phase
Current Mode Control With Forced Current
Sharing(1)
(1)
Patent pending.
1% Internal 0.7-V Reference
Resistive Divider Set Output Voltage
True Remote Sensing Differential Amplifier
Resistive or DCR Current Sensing
Current Sense Fault Protection
RHD PACKAGE
Programmable Load Line
(BOTTOM VIEW)
Compatible with UCC37222 Predictive Gate
Drive
™ Technology Drivers
24-Pin Space-Saving TSSOP Package
28-Pin QFN Package
TPS40090: Binary Outputs
TPS40091: 3-State Outputs
APPLICATIONS
Internet Servers
Network Equipment
Telecommunications Equipment
DC Power Distributed Systems
DESCRIPTION
The TPS4009x is a two-, three-, or four-phase programmable synchronous buck controller that is optimized for
low-voltage, high-current applications powered by a 5-V to 15-V distributed supply. A multi-phase converter offers
several advantages over a single power stage including lower current ripple on the input and output capacitors,
faster transient response to load steps, improved power handling capabilities, and higher system efficiency.
Each phase can be operated at a switching frequency up to 1-MHz, resulting in an effective ripple frequency of
up to 4-MHz at the input and the output in a four-phase application. A two-phase design operates 180 degrees
out-of-phase, a three-phase design operates 120 degrees out-of-phase, and a four-phase design operates 90
degrees out-of-phase as shown in Figure 1.
The number of phases is programmed by connecting the de-activated phase PWM output to the output of the
internal 5-V LDO. In two-phase operation the even phase outputs should be de-activated.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Predictive Gate Drive is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2003–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS40090PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
More results

Similar Description - TPS40090PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
   High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Texas Instruments
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
[Old version datasheet]   Multiphase Bidirectional Current Controller
logo
Maxim Integrated Produc...
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
   Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com