Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJND1N5EFB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELJND1N5EFB
Description  1. High Frequency Use (Non Magnetic Core) RF, ND, NC, NA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJND1N5EFB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELJND1N5EFB Datasheet HTML 1Page - Panasonic Semiconductor ELJND1N5EFB Datasheet HTML 2Page - Panasonic Semiconductor ELJND1N5EFB Datasheet HTML 3Page - Panasonic Semiconductor ELJND1N5EFB Datasheet HTML 4Page - Panasonic Semiconductor ELJND1N5EFB Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.4
±0.2
Marking
2.5
+0.3
–0.2
3.5 to 4.0
1.4 to 1.5
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJNC10N F10
K : ±10 %
100
10
100
2500
0.32
280
ELJNC12N F12
2200
0.34
270
ELJNC15N F15
1800
0.38
255
ELJNC18N F18
1550
0.40
250
ELJNC22N F22
15
1350
0.43
240
ELJNC27N F27
1150
0.47
230
ELJNC33N F33
K : ±10 %
or
J : ± 5 %
1000
0.51
220
ELJNC39N F39
890
0.55
215
ELJNC47N F47
770
0.59
205
ELJNC56N F56
670
0.63
200
ELJNC68N F68
590
0.68
190
ELJNC82N F82
520
0.73
185
ELJNCR10 F
100
25.2
10
25.2
460
0.80
175
ELJNCR12 F
120
400
0.87
170
ELJNCR15 F
150
340
0.98
160
ELJNCR18 F
180
300
1.05
155
ELJNCR22 F
220
260
1.15
145
ELJNCR27 F
270
230
1.25
140
ELJNCR33 F
330
200
1.37
135
ELJNCR39 F
390
180
1.47
130
ELJNCR47 F
470
160
1.58
125
ELJNCR56 F
560
145
1.70
120
ELJNCR68 F
680
130
1.85
110
ELJNCR82 F
820
100
2.10
100
NC Type 2520 (1008)
Dimensions in mm (not to scale)
Recommended Land Pattern in mm (not to scale)
Standard Parts
Standard Packing Quantity
2000 pcs./Reel
✽1 : Self Resonant Frequency ✽2 : DC Resistance
: Symbol of Tolerance
Feb. 2006


Similar Part No. - ELJND1N5EFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJND1N5DFB PANASONIC-ELJND1N5DFB Datasheet
169Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJND1N5DFB PANASONIC-ELJND1N5DFB Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJND1N5GFB PANASONIC-ELJND1N5GFB Datasheet
169Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJND1N5GFB PANASONIC-ELJND1N5GFB Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJND1N5JFB PANASONIC-ELJND1N5JFB Datasheet
169Kb / 8P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJND1N5EFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF1N0FB PANASONIC-ELJRF1N0FB Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJRF10NJFB PANASONIC-ELJRF10NJFB Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA RoHS compliant
ELJRG1N0DF PANASONIC-ELJRG1N0DF Datasheet
51Kb / 1P
   Non Magnetic Core Types RG, RF, RE, NJ, ND, NC, NA Dimensions in mm (not to scale)
ELJ-NCR18JF PANASONIC-ELJ-NCR18JF Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core)
ELJ-RE33NJFA PANASONIC-ELJ-RE33NJFA Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJJRF PANASONIC-ELJJRF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-EA331KF PANASONIC-ELJ-EA331KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-FA3R9KF PANASONIC-ELJ-FA3R9KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-RF5N6DFB PANASONIC-ELJ-RF5N6DFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
logo
Schneider Electric
XCSDMP7002 SCHNEIDER-XCSDMP7002 Datasheet
78Kb / 2P
   coded magnetic switch XCSDMP - 2 NC 1 NO - 1 NC staggered - 2m
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com