Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60212DGS Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60212DGS
Description  REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60212DGS Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS60212DGS Datasheet HTML 3Page - Texas Instruments TPS60212DGS Datasheet HTML 4Page - Texas Instruments TPS60212DGS Datasheet HTML 5Page - Texas Instruments TPS60212DGS Datasheet HTML 6Page - Texas Instruments TPS60212DGS Datasheet HTML 7Page - Texas Instruments TPS60212DGS Datasheet HTML 8Page - Texas Instruments TPS60212DGS Datasheet HTML 9Page - Texas Instruments TPS60212DGS Datasheet HTML 10Page - Texas Instruments TPS60212DGS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
Table 1. Recommended Values for the Resistive Divider From the E96 Series (
±1%)
VIN/V
R1/k
R2/k
VTRIP(MIN)/V
VTRIP(MAX)/V
1.6
267
750
1.524
1.677
1.7
301
681
1.620
1.785
1.8
340
649
1.710
1.887
1.9
374
619
1.799
1.988
2.0
402
576
1.903
2.106
power-good detector (TPS60211 and TPS60213)
The power-good output is an open-drain output that pulls low when the output is out of regulation. When the
output rises above 91% of its nominal voltage, the power-good output is released. When the device is
programmed into snooze mode (SNOOZE = LOW), the power-good detector is disabled and PG is high
impedance. In normal operation, an external pullup resistor must be connected between PG and OUT, or any
other voltage rail in the appropriate range. The pullup resistor should be in the 100-k
Ω to 1-MΩ range. If the PG
output is not used, it should remain unconnected.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Voltage range:
IN, OUT, SNOOZE, LBI, LBO, PG to GND
−0.3 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
C1+, C2+ to GND
−0.3 V to (VO + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
C1−, C2− to GND
−0.3 V to (VI + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current: TPS60210, TPS60211
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TPS60212, TPS60213
75 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE 1 FREE-AIR TEMPERATURE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DGS
424 mW
3.4 mW/
_C
178 mW
136 mW
The thermal resistance junction to ambient of the DGS package is RTH−JA = 294°C/W.
recommended operating conditions
MIN
NOM
MAX
UNIT
Input voltage range, VI
1.6
3.6
V
Input capacitor, Ci
2.2
µF
Flying capacitors, C1, C2
1
µF
Output capacitor, Co
2.2
µF
Operating junction temperature, TJ
−40
125
°C


Similar Part No. - TPS60212DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60212DGS TI-TPS60212DGS Datasheet
371Kb / 21P
[Old version datasheet]   REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
TPS60212DGS TI1-TPS60212DGS Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60212DGSG4 TI1-TPS60212DGSG4 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60212DGSR TI1-TPS60212DGSR Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60212DGSRG4 TI1-TPS60212DGSRG4 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
More results

Similar Description - TPS60212DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60210 TI-TPS60210 Datasheet
371Kb / 21P
[Old version datasheet]   REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
Texas Instruments
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com