Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40091RHDT Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS40091RHDT
Description  HIGH-FREQUENCY, MULTIPHASE CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40091RHDT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS40091RHDT Datasheet HTML 2Page - Texas Instruments TPS40091RHDT Datasheet HTML 3Page - Texas Instruments TPS40091RHDT Datasheet HTML 4Page - Texas Instruments TPS40091RHDT Datasheet HTML 5Page - Texas Instruments TPS40091RHDT Datasheet HTML 6Page - Texas Instruments TPS40091RHDT Datasheet HTML 7Page - Texas Instruments TPS40091RHDT Datasheet HTML 8Page - Texas Instruments TPS40091RHDT Datasheet HTML 9Page - Texas Instruments TPS40091RHDT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TPS40090
TPS40091
SLUS578B
– OCTOBER 2003 – REVISED MAY 2006
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
RHD
PW
Output of an internal 5V regulator. A 4.7-
μF capacitor should be connected from this pin to ground. For 5V applications,
BP5
22
22
O
this pin should be connected to VDD.
COMP
7
9
O
Output of the error amplifier. The voltage at this pin determines the duty cycle for the PWM.
CS1
27
1
I
Used to sense the inductor current in the phases. Inductor current can be sensed with an external current sense
CS2
28
2
I
resistor or by using an external circuit and the inductor
's DC resistance. They are also used for overcurrent protection
CS3
1
3
I
and forced current sharing between the phases.
CS4
2
4
I
CSCN
3
5
I
Common point of current sense resistors or filter inductors
Output of the differential amplifier. The voltage at this pin represents the true output voltage without drops that result
DIFFO
9
11
O
from high current in the PCB traces
DROOP
5
7
I
Used to program droop function. A resistor between this pin and the REF pin sets the desired droop value.
A logic high signal on this input enables the controller operation. A pulsing signal to this pin synchronizes the main
EN/SYNC
24
24
I
oscillator to the rising edge of an external clock source. These pulses must be of higher frequency than the free
running frequency of the main oscillator set by the resistor from the RT pin.
Inverting input of the error amplifier. In closed loop operation, the voltage at this pin is the internal reference level of
FB
8
10
I
700 mV. This pin is also used for the PGOOD and OVP comparators.
GND
17
17
Ground connection to the device.
GNDS
12
13
I
Inverting input of the differential amplifier. This pin should be connected to ground at the point of load.
Used to set the cycle-by-cycle current limit threshold. If ILIM threshold is reached, the PWM cycle is terminated and the
converter delivers limited current to the output. Under these conditions the undervoltage threshold is reached
ILIM
4
6
I
eventually and the controller enters the hiccup mode. The controller stays in hiccup mode for seven consecutive cycles.
At the eighth cycle the controller attempts a full start-up sequence.
PGOOD
13
14
O
Power good indicator of the output voltage. This open-drain output connects to the supply via an external resistor.
PWM1
21
21
O
Phase shifted PWM outputs which control the external drivers. The high output signal commands a PWM cycle. The
PWM2
20
20
O
low output signal commands controlled conduction of the synchronous rectifiers. These pins are also used to program
various operating modes as follows: for three-phase mode, PWM4 is connected to 5 V; for two-phase mode, PWM2
PWM3
19
19
O
and PWM4 are connected to 5 V.
PWM4
18
18
O
REF
6
8
O
Output of an internal 0.7-V reference voltage.
RT
16
16
I
Connecting a resistor from this pin to ground sets the oscillator frequency.
VIN
23
23
I
Power input for the chip. De-coupling of this pin is required.
VOUT
10
12
I
Noninverting input of the differential amplifier. This pin should be connected to VOUT at the point of load.
SS
15
15
I
Provides user programmable soft-start by means of a capacitor connected to the pin.
11, 14,
NC
-
-
No connect pins
25, 26
6
Submit Documentation Feedback
Copyright
© 2003–2006, Texas Instruments Incorporated
Product Folder Link(s): TPS40090 TPS40091


Similar Part No. - TPS40091RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40091 TI-TPS40091 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40091 TI-TPS40091 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
More results

Similar Description - TPS40091RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
   High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Texas Instruments
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
[Old version datasheet]   Multiphase Bidirectional Current Controller
logo
Maxim Integrated Produc...
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
   Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com