Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60212DGSG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS60212DGSG4
Description  REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60212DGSG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS60212DGSG4 Datasheet HTML 4Page - Texas Instruments TPS60212DGSG4 Datasheet HTML 5Page - Texas Instruments TPS60212DGSG4 Datasheet HTML 6Page - Texas Instruments TPS60212DGSG4 Datasheet HTML 7Page - Texas Instruments TPS60212DGSG4 Datasheet HTML 8Page - Texas Instruments TPS60212DGSG4 Datasheet HTML 9Page - Texas Instruments TPS60212DGSG4 Datasheet HTML 10Page - Texas Instruments TPS60212DGSG4 Datasheet HTML 11Page - Texas Instruments TPS60212DGSG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at Ci= 2.2 µF, C1 = C2 = 1 µF, Co = 2.2 µF, TA = −40°C to 85°C, VI = 2.4 V,
SNOOZE = VI (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO(MAX) Maximum continuous output current
TPS60210 and TPS60211, VI = 2 V
100
mA
IO(MAX) Maximum continuous output current
TPS60212 and TPS60213, VI = 2 V
50
mA
1.6 V < VI < 1.8 V, 0 < IO < 0.25 × IO(MAX)
3
V
Output voltage
1.8 V < VI < 2 V,
0 < IO < 0.5 × IO(MAX)
3.17
3.3
3.43
V
VO
Output voltage
2 V < VI < 3.3 V,
0 < IO < IO(MAX)
3.17
3.3
3.43
V
VO
3.3 V < VI < 3.6 V, 0 < IO < IO(MAX)
3.17
3.3
3.47
V
Output voltage in snooze mode
SNOOZE = GND,
1.8 V < VI < 3.6 V,
IO < 2 mA
3.1
3.3
3.47
V
VPP
Output voltage ripple
IO = IO(MAX)
5
mVPP
I(Q)
Quiescent current (no-load input current)
IO = 0 mA, VI = 1.8 V to 3.6 V
35
70
µA
I(Q)
Quiescent current in snooze mode
SNOOZE = GND,
IO = 0 mA
2
5
µA
f(OSC)
Internal switching frequency
200
300
400
kHz
f(SYNC)
External clock signal frequency
400
600
800
kHz
External clock signal duty cycle
30%
70%
VIL
SNOOZE input low voltage
VI = 1.6 V to 3.6 V
0.3
× VI
V
VIH
SNOOZE input high voltage
VI = 1.6 V to 3.6 V
0.7
× VI
V
Ilkg
SNOOZE input leakage current
SNOOZE = GND or VI
0.01
0.1
µA
LinSkip current threshold
VI = 2 V to 3 V
7
mA
Output load regulation
VI = 2.4 V,
1 mA < IO < IO(MAX),
TC = 25°C
0.015
%/mA
Output load regulation
VI = 2.4 V,
10 mA < IO < IO(MAX),
TC = 25°C
0.008
%/mA
Output line regulation
2 V < VI < 3.3 V,
IO = 0.5 x IO(MAX),
TA = 25°C
0.28
%V
I(SC)
Short circuit current
VI = 2.4 V,
VO = 0 V
60
mA
electrical characteristics for low-battery comparator of devices TPS60210 and TPS60212 at
TA = −40°C to 85°C, VI = 2.4 V and SNOOZE = VI (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(LBI)
LBI trip voltage
VI = 1.6 V to 2.2 V,
Tc = 0°C to 70°C
1.13
1.18
1.23
V
LBI trip voltage hysteresis
For rising voltage at LBI
10
mV
II(LBI)
LBI input current
V(LBI) = 1.3 V
20
100
nA
VO(LBO)
LBO output voltage low
V(LBI) = 0 V,
I(LBO) = 1 mA
0.4
V
Ilkg(LBO) LBO leakage current
V(LBI) = 1.3 V,
V(LBO) = 3.3 V
0.01
0.1
µA
NOTE: During start-up of the converter the LBO output signal is invalid for the first 500
µs.
electrical characteristics for power-good comparator of devices TPS60211 and TPS60213 at
TA = −40°C to 85°C, VI = 2.4 V and SNOOZE = VI (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(PG)
Power-good trip voltage
Tc = 0°C to 70°C
0.87
× VO 0.91 × VO 0.95 × VO
V
Vhys(PG)
Power-good trip voltage hysteresis
VO decreasing, Tc = 0°C to 70°C
1%
VO(PG)
Power-good output voltage low
VO = 0 V,
I(PG) = 1 mA
0.4
V
Ilkg(PG)
Power-good leakage current
VO = 3.3 V,
V(PG) = 3.3 V
0.01
0.1
µA
NOTE: During start-up of the converter the PG output signal is invalid for the first 500
µs.


Similar Part No. - TPS60212DGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60212DGSG4 TI1-TPS60212DGSG4 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
More results

Similar Description - TPS60212DGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60210 TI-TPS60210 Datasheet
371Kb / 21P
[Old version datasheet]   REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
Texas Instruments
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com