Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61071DDCRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61071DDCRG4
Description  90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61071DDCRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61071DDCRG4 Datasheet HTML 3Page - Texas Instruments TPS61071DDCRG4 Datasheet HTML 4Page - Texas Instruments TPS61071DDCRG4 Datasheet HTML 5Page - Texas Instruments TPS61071DDCRG4 Datasheet HTML 6Page - Texas Instruments TPS61071DDCRG4 Datasheet HTML 7Page - Texas Instruments TPS61071DDCRG4 Datasheet HTML 8Page - Texas Instruments TPS61071DDCRG4 Datasheet HTML 9Page - Texas Instruments TPS61071DDCRG4 Datasheet HTML 10Page - Texas Instruments TPS61071DDCRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.01
0.10
1
10
100
1 k
VBAT = 0.9 V
VBAT = 1.8 V
VBAT = 2.4 V
TPS61070
VO = 3.3 V
TPS61071
VO = 3.3 V
IO − Output Current − mA
0
10
20
30
40
50
60
70
80
90
100
0.01
0.10
1
10
100
1 k
TPS61070
VO = 5 V
TPS61071
VO = 5 V
VBAT = 1.2 V
VBAT = 1.8 V
VBAT = 2.4 V
VBAT = 3.6 V
IO − Output Current − mA
50
55
60
65
70
75
80
85
90
95
0.9
1.4
1.9
2.4
2.9
3.4
3.9
4.4
4.9
100
TPS61070
VO = 5 V
TPS61071
VO = 5 V
VI − Input Voltage − V
IO = 5 mA
IO = 10 mA
IO = 60 mA
IO = 5 mA
50
55
60
65
70
75
80
85
90
95
100
0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3
IO = 5 mA
IO = 50 mA
IO = 100 mA
TPS61070
VO = 3.3 V
TPS61071
VO = 3.3 V
VI − Input Voltage − V
TPS61070, TPS61071
TPS61072, TPS61073
www.ti.com .......................................................................................................................................................... SLVS510C – JULY 2006 – REVISED MARCH 2009
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
EFFICIENCY
EFFICIENCY
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 5.
Figure 6.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS61070 TPS61071 TPS61072 TPS61073


Similar Part No. - TPS61071DDCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61071DDCRG4 TI-TPS61071DDCRG4 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071DDCRG4 TI-TPS61071DDCRG4 Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
More results

Similar Description - TPS61071DDCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61070 TI-TPS61070 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_07 Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071-Q1 TI1-TPS61071-Q1 Datasheet
575Kb / 24P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_15 Datasheet
998Kb / 28P
[Old version datasheet]   TPS6107x 90% Efficient Synchronous Boost Converter With 600-mA Switch
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com