Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3570D Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC3570D
Description  Not Recommended for New Design
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3570D Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC3570D Datasheet HTML 5Page - Texas Instruments UCC3570D Datasheet HTML 6Page - Texas Instruments UCC3570D Datasheet HTML 7Page - Texas Instruments UCC3570D Datasheet HTML 8Page - Texas Instruments UCC3570D Datasheet HTML 9Page - Texas Instruments UCC3570D Datasheet HTML 10Page - Texas Instruments UCC3570D Datasheet HTML 11Page - Texas Instruments UCC3570D Datasheet HTML 12Page - Texas Instruments UCC3570D Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
UCC2570D
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
-40 to 85
UCC2570D
UCC2570DG4
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
-40 to 85
UCC2570DTR
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
-40 to 85
UCC2570D
UCC2570DTRG4
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
-40 to 85
UCC2570N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
-40 to 85
UCC2570N
UCC2570NG4
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
-40 to 85
UCC3570D
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
0 to 70
UCC3570D
UCC3570DG4
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
0 to 70
UCC3570DTR
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
0 to 70
UCC3570D
UCC3570DTRG4
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
0 to 70
UCC3570N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
UCC3570N
UCC3570NG4
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
UCC3570Q
OBSOLETE
PLCC
FN
20
TBD
Call TI
Call TI
0 to 70
UCC3570QTR
OBSOLETE
PLCC
FN
20
TBD
Call TI
Call TI
0 to 70
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.


Similar Part No. - UCC3570D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3570D TI-UCC3570D Datasheet
340Kb / 9P
[Old version datasheet]   Low Power Pulse Width Modulator
More results

Similar Description - UCC3570D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2751 TI1-UCC2751_10 Datasheet
2Mb / 9P
[Old version datasheet]   Not Recommended for New Design
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
logo
NXP Semiconductors
MC9S08PA60 NXP-MC9S08PA60 Datasheet
897Kb / 41P
   MC9S08PA60A and MC9S08PA32A are recommended for new design
Rev. 4, 09/2019
MC9S08PT60 NXP-MC9S08PT60 Datasheet
940Kb / 41P
   MC9S08PT60A and MC9S08PT32A are recommended for new design
Rev. 6, 09/2019
MC9S08PA16 NXP-MC9S08PA16 Datasheet
757Kb / 36P
   MC9S08PA16A and MC9S08PA8A are recommended for new design
Rev. 4, 03/2020
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
logo
EPCOS
B32921A2104M EPCOS-B32921A2104M Datasheet
326Kb / 10P
   EMI Suppression Capacitors (MKP) Not for new design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com