Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3919D Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC3919D
Description  3-V TO 8-V HOT SWAP POWER MANAGER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3919D Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC3919D Datasheet HTML 7Page - Texas Instruments UCC3919D Datasheet HTML 8Page - Texas Instruments UCC3919D Datasheet HTML 9Page - Texas Instruments UCC3919D Datasheet HTML 10Page - Texas Instruments UCC3919D Datasheet HTML 11Page - Texas Instruments UCC3919D Datasheet HTML 12Page - Texas Instruments UCC3919D Datasheet HTML 13Page - Texas Instruments UCC3919D Datasheet HTML 14Page - Texas Instruments UCC3919D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
UCC2919
UCC3919
SLUS374C − JULY 1999 − REVISED NOVEMBER 2005
11
www.ti.com
APPLICATION INFORMATION
estimating CT(min) when using power limiting
If power limiting is used, the calculation of CT(min) for a given COUT becomes considerably more complex,
especially with a resistive load. This is because the CT charge current becomes a function of VOUT, which is
changing with time. The amount of capacitance that can be charged (without causing a fault) when using power
limiting will be significantly reduced for the same value CT, due to the shorter tON time.
The charge current contribution from the power limiting circuit is defined as:
I
PL ^
V
IN *
V
OUT *
V
PL
R
PL
t0: Normal condition − Output current is nominal, output voltage is at positive rail, VCC.
t1: Fault control reached − Output current rises above the programmed fault value, CT begins to charge with 35 µA + IPL.
t2: Maximum current reached − Output current reaches the programmed maximum level and becomes a constant current with value IMAX.
t3: Fault occurs − CT has charged to 1.5 V, fault output goes low, the FET turns off allowing no output current to flow, VOUT discharges to GND.
t4: Retry − CT has discharged to 0.5 V, but fault current is still exceeded, CT begins charging again, FET is on, VOUT increases.
t3 to t5: Illustrates < 3% duty cycle depending upon RPL selected.
t6 = t4
t7: Fault released, normal condition − return to normal operation of the circuit breaker
UDG−97073
Figure 3.
(14)


Similar Part No. - UCC3919D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3919 TI-UCC3919 Datasheet
127Kb / 11P
[Old version datasheet]   3V to 8V Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com