Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK9822M Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK9822M
Description  2K / 4Kbit EEPROM with 2ch 8bit D/A Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9822M Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK9822M Datasheet HTML 1Page - Asahi Kasei Microsystems AK9822M Datasheet HTML 2Page - Asahi Kasei Microsystems AK9822M Datasheet HTML 3Page - Asahi Kasei Microsystems AK9822M Datasheet HTML 4Page - Asahi Kasei Microsystems AK9822M Datasheet HTML 5Page - Asahi Kasei Microsystems AK9822M Datasheet HTML 6Page - Asahi Kasei Microsystems AK9822M Datasheet HTML 7Page - Asahi Kasei Microsystems AK9822M Datasheet HTML 8Page - Asahi Kasei Microsystems AK9822M Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ASAHI KASEI
[AK9822/24]
DAD01E-00
1999/05
- 3 -
Functional Description
The AK9822/24 is composed of EEPROM and the 8bit D/A converter of two channels with the
output buffer amplifier.
The AK9822/24 can connect to the serial communication port of popular one chip microcomputer
directly (3 line negative clock synchronous interface).
The AK9822/24 takes the data of the DI pin by the rising edge of the SK pin and outputs the data
from the DO pin by the falling edge of the SK pin.
The AK9822/24 has 7 instructions such as READ, WRITE, WREN, WRDS, PDEN, PDDS and CALL.
The AK9822/24 is operated by inputting these instructions from the serial interface. Each instruction
is organized by op-code block (8bits), address block (8bits) and data (8bits
Õ2).
The DO pin is "Hi-Z" state except that the DO pin outputs the data of the internal register and the
status of Ready/Busy.
„
„
„
„ WRITE protection function
There are two states such as the WRITE enable state and the WRITE disable state in the
AK9822/24. In the WRITE disable state the WRITE instruction becomes invalid and is not executed.
When Vcc is applied to the part, the part powers up in the WRITE disable state and the part
becomes the WRITE enable state by inputting the WREN instruction. The WRITE enable state
continues until the WRDS instruction is executed or Vcc is removed from the part.
Execution of a READ instruction is independent of both WREN and WRDS instructions.
„
„
„
„ Power down function
There are two modes such as the power down mode and the normal mode in the AK9822/24. When
the AK9822/24 is in the power down mode, the D/A converter section is in the standby state. At this
time, the outputs of the D/A converters become "Hi-Z".
When Vcc is applied to the part, the AK9822/24 is in the power down mode. When a AUTO READ
function is executed, the part becomes the normal mode. After the AUTO READ function is
executed, the mode of the part can be switched by the PDEN and PDDS instructions. The
AK9822/24 becomes the power down mode by inputting the PDEN instruction. The part is in the
power down mode until the PDDS instruction is executed. When the PDDS instruction is executed,
the part becomes the normal mode.
When returning to the normal mode from the power down mode, the D/A converters output the
voltage value set before entering the power down mode. The relation between the D/A converter
state and the mode are shown in the table 1.
Mode
State of D/A converter
Power down mode
standby
Normal mode
normal
Table 1. The relation between the state of D/A converter and the mode


Similar Part No. - AK9822M

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9813A AKM-AK9813A Datasheet
232Kb / 24P
   12ch 8bit D/A Converter with EEPROM
AK9813AF AKM-AK9813AF Datasheet
232Kb / 24P
   12ch 8bit D/A Converter with EEPROM
AK9813B AKM-AK9813B Datasheet
195Kb / 24P
   12ch 8bit D/A Converter with EEPROM
AK9813BF AKM-AK9813BF Datasheet
195Kb / 24P
   12ch 8bit D/A Converter with EEPROM
logo
List of Unclassifed Man...
AK9813BF ETC1-AK9813BF Datasheet
41Kb / 2P
   24pin VSOP
More results

Similar Description - AK9822M

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9844 AKM-AK9844 Datasheet
156Kb / 17P
   4Kbit EEPROM with 4ch 8bit D/A Converter
AK9844A AKM-AK9844A Datasheet
132Kb / 17P
   4Kbit EEPROM with 4ch 8bit D/A Converter
logo
Rohm
BH2219FVM ROHM-BH2219FVM Datasheet
171Kb / 5P
   8bit 2ch D/A converter
logo
Asahi Kasei Microsystem...
AK9813B AKM-AK9813B Datasheet
195Kb / 24P
   12ch 8bit D/A Converter with EEPROM
AK9813A AKM-AK9813A Datasheet
232Kb / 24P
   12ch 8bit D/A Converter with EEPROM
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
logo
Rohm
BR25L040-W ROHM-BR25L040-W Datasheet
337Kb / 6P
   SPI BUS 4Kbit (512 x 8bit) EEPROM
logo
Asahi Kasei Microsystem...
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
logo
Rohm
BH2219FVM ROHM-BH2219FVM_15 Datasheet
1Mb / 17P
   D/A Converters Standard 8bit 2ch ??3ch Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com