Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MR Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-MR
Description  13-BIT S&H SIN/COS INTERPOLATOR WITH CONTROLLER INTERFACES
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MR Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-MR Datasheet HTML 6Page - IC-Haus GmbH IC-MR Datasheet HTML 7Page - IC-Haus GmbH IC-MR Datasheet HTML 8Page - IC-Haus GmbH IC-MR Datasheet HTML 9Page - IC-Haus GmbH IC-MR Datasheet HTML 10Page - IC-Haus GmbH IC-MR Datasheet HTML 11Page - IC-Haus GmbH IC-MR Datasheet HTML 12Page - IC-Haus GmbH IC-MR Datasheet HTML 13Page - IC-Haus GmbH IC-MR Datasheet HTML 14Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
preliminary
preliminary
iC-MR 13-BIT S&H SIN/COS
INTERPOLATOR WITH CONTROLLER INTERFACES
Rev A1, Page 10/44
ELECTRICAL CHARACTERISTICS
Operating conditions:
VDDA = VDD = 4.5...5.5 V, GNDA = GND = 0 V, IBP calibrated to 200 µA, Tj = -40...125 °C, unless otherwise noted.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
P05
Ipu()
Pull-up Current at NWR, NRD,
NL, NCS
-150
-60
-8
µA
P06
Vs()hi
Saturation Voltage hi
at D(7...0) Outputs
Vs()hi = VDD - V(), I() = -1.6 mA
400
mV
P07
Vs()lo
Saturation Voltage lo
at D(7...0) Outputs
I() = 1.6 mA
400
mV
P08
Isc()hi
Short-circuit Current hi
at D(7...0) Outputs
V() = 0 V...VDD - 0.4 V
-50
-1.6
mA
P09
Isc()lo
Short-circuit Current lo
at D(7...0) Outputs
V() = 0.4 V...VDD
1.6
50
mA
Absolute Data Interface ASLI, AMAO
Q01
Vt()hi
Threshold Voltage hi at ASLI
2
V
Q02
Vt()lo
Threshold Voltage lo at ASLI
0.8
V
Q03
Vt()hys
Hysteresis at ASLI
Vt()hys = Vt()hi - Vt()lo
300
500
mV
Q04
Ipu()
Pull-up Current at ASLI
-150
-60
-8
µA
Q05
Vs()hi
Saturation Voltage hi at AMAO
Vs()hi = VDD - V(), I() = -1.6 mA
400
mV
Q06
Vs()lo
Saturation Voltage lo at AMAO
I() = 1.6 mA
400
mV
Q07
Isc()hi
Short-circuit Current hi at AMAO V() = 0 V...VDD - 0.4 V
-50
-1.6
mA
Q08
Isc()lo
Short-circuit Current lo at AMAO V() = 0.4 V...VDD
1.6
50
mA
Q09
fclk()
Clock Frequency at AMAO
GET_ADI = 0, SSI_ADI = 1 (SSI protocol)
1/16
fosc
GET_ADI = 0, SSI_ADI = 0 (BiSS C protocol)
1/2
fosc
Error Signal Input/Output NERR
R01
Vt()hi
Threshold Voltage hi
2
V
R02
Vt()lo
Threshold Voltage lo
0.8
V
R03
Vt()hys
Input Hysteresis
Vt()hys = Vt()hi - Vt()lo
100
150
mV
R04
Ipu()
Pull-up Current
-750
-300
-60
µA
R05
Vs()lo
Saturation Voltage lo
I() = 4 mA
400
mV
R06
Isc()lo
Short-circuit Current lo
V() = 0.4 V...VDD
4
60
mA
V(PSIN) - V(NSIN)
V(PCOS) - V(NCOS)
Vpp()min
Vpp()max
1 Vpp
90°
180°
270°
90°
180°
270°
φ
360°
Figure 1: Differential voltage thresholds for maximum
and minimum alarm
V(PSIN)
V(PCOS)
Vdc()min
Vdc()max
V(NSIN)
V(NCOS)
0V
VDDA
Figure 2: Maximum and minimum voltage thresholds
for DC check


Similar Part No. - IC-MR

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MR3 ICHAUS-IC-MR3 Datasheet
1Mb / 63P
   13-BIT S&H SIN/COS INTERPOLATOR WITH 2.5 V/ 5 V CONTROLLER INTERFACES
More results

Similar Description - IC-MR

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MR3 ICHAUS-IC-MR3 Datasheet
1Mb / 63P
   13-BIT S&H SIN/COS INTERPOLATOR WITH 2.5 V/ 5 V CONTROLLER INTERFACES
IC-TW28 ICHAUS-IC-TW28 Datasheet
2Mb / 80P
   10-BIT SIN/COS INTERPOLATOR
IC-TW8 ICHAUS-IC-TW8_16 Datasheet
1Mb / 67P
   16-BIT SIN/COS INTERPOLATOR
IC-TW8 ICHAUS-IC-TW8_13 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
TW8 ICHAUS-TW8 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-TW8 ICHAUS-IC-TW8 Datasheet
420Kb / 2P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
IC-MSB ICHAUS-IC-MSB_17 Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
IC-MG ICHAUS-IC-MG Datasheet
356Kb / 20P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MG ICHAUS-IC-MG_14 Datasheet
604Kb / 22P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com