Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRJ0371X0E102KA01D Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # GRJ0371X0E102KA01D
Description  Chip Monolithic Ceramic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ0371X0E102KA01D Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  GRJ0371X0E102KA01D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRJ0371X0E102KA01D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRJ0371X0E102KA01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRJ0371X0E102KA01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Continued from the preceding page.
Expressed by three figures.
oIndividual Specification Code
iCapacitance Tolerance
Code
W
GRM/GJM
Series
C
TC
±0.05pF
Capacitance Tolerance
V9.9pF
0.1pF
B
GRM/GJM
GQM
ERB
C
±0.1pF
V9.9pF
V1pF
1.1 to 9.9pF
V9.9pF
0.1pF
0.1pF
1pF Step and E24 Series
1pF Step and E24 Series
C
GRM/GJM
GRM
ERB
GQM
C
except C
C
±0.25pF
V9.9pF
V5pF
V9.9pF
V1pF
1.1 to 9.9pF
0.1pF
* 1pF
1pF Step and E24 Series
0.1pF
1pF Step and E24 Series
D
GRM/GJM
GRM
ERB/GQM
C
except C
C
±0.5pF
5.1 to 9.9pF
5.1 to 9.9pF
5.1 to 9.9pF
0.1pF
* 1pF
1pF Step and E24 Series
G
GJM
GQM/ERB
C
C
±2%
U10pF
U10pF
E12 Series
E24 Series
J
GRM/GA3
ERB/GQM/GJM
C
∆–SL
C
±5%
U10pF
U10pF
E12 Series
E24 Series
Capacitance Step
K
GRJ/GRM/GR7/GA3
GNM
GR4, GMD
B, R, X7R, X5R, ZLM
C0G
B, R, X7R, X5R, ZLM
±10%
E6 Series
E6 Series
E12 Series
M
GRM/GMA
GNM
GA2
LLL/LLR/LLA/LLM
B, R, X7R, X7S
X5R, X7R, X7S
X7R
X5R, X7R, X7S, X6S
±20%
E6 Series
E3 Series
E3 Series
E3 Series
Z
GRM
F, Y5V
+80%, -20%
E3 Series
R
Depends on individual standards.
* E24 series is also available.
!0Packaging
Code
L
D
E
K
J
F
B
C
T
ø180mm Embossed Taping
ø180mm Paper Taping
ø180mm Paper Taping (LLL15)
ø330mm Embossed Taping
ø330mm Paper Taping
ø330mm Paper Taping (LLL15)
Bulk
Bulk Case
Bulk Tray
Packaging


Similar Part No. - GRJ0371X0E102KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRJ0371X1H102KA01D MURATA-GRJ0371X1H102KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRJ0371XR50BE01L MURATA-GRJ0371XR50BE01L Datasheet
4Mb / 221P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRJ0371X0E102KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com