Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GR40371X0E102KA01D Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # GR40371X0E102KA01D
Description  Chip Monolithic Ceramic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GR40371X0E102KA01D Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  GR40371X0E102KA01D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GR40371X0E102KA01D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GR40371X0E102KA01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GR40371X0E102KA01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Continued from the preceding page.
Murata Code
Capacitance Change from 25
°C (%)
–55
°C
–30
°C
–10
°C
Max.
Min.
Max.
Min.
Max.
Min.
5C/5G
0.58
–0.24
0.40
–0.17
0.25
–0.11
6C
0.87
–0.48
0.59
–0.33
0.38
–0.21
6P
2.33
0.72
1.61
0.50
1.02
0.32
6R
3.02
1.28
2.08
0.88
1.32
0.56
6S
4.09
2.16
2.81
1.49
1.79
0.95
6T
5.46
3.28
3.75
2.26
2.39
1.44
7U
8.78
5.04
6.04
3.47
3.84
2.21
EIA Code
4C
2.56
–1.88
1.54
–1.13
1.02
–0.75
3P
1.65
0.14
1.10
0.09
3R
2.03
0.45
1.35
0.30
3S
2.63
0.95
1.76
0.63
3T
3.40
1.58
2.27
1.05
3U
4.94
2.84
3.29
1.89
3C
1.37
–0.90
0.82
–0.54
0.55
–0.36
Murata Code
Capacitance Change from 20
°C (%)
–55
°C
–25
°C
–10
°C
Max.
Min.
Max.
Min.
Max.
Min.
2C
0.82
–0.45
0.49
–0.27
0.33
–0.18
2P
1.32
0.41
0.88
0.27
2R
1.70
0.72
1.13
0.48
2S
2.30
1.22
1.54
0.81
2T
3.07
1.85
2.05
1.23
1X
oCapacitance Change from each temperature
JIS Code
uCapacitance
Expressed by three-digit alphanumerics. The unit is pico-farad
(pF). The first and second figures are significant digits, and the
third figure expresses the number of zeros which follow the two
numbers.If there is a decimal point, it is expressed by the capital
letter "
R". In this case, all figures are significant digits.
R50
1R0
100
103
Ex.)
0.5pF
1.0pF
10pF
10000pF
Code
Capacitance
yRated Voltage
0E
0G
0J
1A
1C
1E
YA
1H
2A
2D
2E
YD
2H
2J
3A
3D
3F
BB
E2
GB
GC
GD
GF
DC2.5V
DC4V
DC6.3V
DC10V
DC16V
DC25V
DC35V
DC50V
DC100V
DC200V
DC250V
DC300V
DC500V
DC630V
DC1kV
DC2kV
DC3.15kV
DC350V (for Camera Flash Circuit)
AC250V
X2; AC250V (Safety Standard Certified Type GB)
X1/Y2; AC250V (Safety Standard Certified Type GC)
Y3; AC250V (Safety Standard Certified Type GD)
Y2, X1/Y2; AC250V (Safety Standard Certified Type GF)
Code
Rated Voltage
Continued on the following page.


Similar Part No. - GR40371X0E102KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR40371X0GR50 MURATA-GR40371X0GR50 Datasheet
79Kb / 5P
   Chip Monolithic Ceramic Capacitors
GR40371X0GR50 MURATA-GR40371X0GR50 Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GR40371X0E102KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com