Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND05B012Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # VND05B012Y
Description  DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND05B012Y Datasheet(HTML) 2 Page - STMicroelectronics

  VND05B012Y Datasheet HTML 1Page - STMicroelectronics VND05B012Y Datasheet HTML 2Page - STMicroelectronics VND05B012Y Datasheet HTML 3Page - STMicroelectronics VND05B012Y Datasheet HTML 4Page - STMicroelectronics VND05B012Y Datasheet HTML 5Page - STMicroelectronics VND05B012Y Datasheet HTML 6Page - STMicroelectronics VND05B012Y Datasheet HTML 7Page - STMicroelectronics VND05B012Y Datasheet HTML 8Page - STMicroelectronics VND05B012Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
VND05B / VND05B (011Y) / VND05B (012Y)
ABSOLUTE MAXIMUM RATING
CONNECTION DIAGRAM TOP VIEW
CURRENT AND VOLTAGE CONVENTIONS
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-Source breakdown voltage
40
V
IOUT
Output current (continuous) at Tc=85°C
9
A
IOUT(RMS) RMS Output current at Tc=85°C and f > 1Hz
9
A
IR
Reverse output current at Tc=85°C
-9
A
IIN
Input current
+/- 10
mA
-VCC
Reverse supply voltage
-4
V
ISTAT
Status current
+/- 10
mA
VESD
Electrostatic discharge (R=1.5k
Ω, C=100pF)
2000
V
PTOT
Power dissipation at Tc=25°C
59
W
Tj
Junction operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
1


Similar Part No. - VND05B012Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND05B012Y STMICROELECTRONICS-VND05B012Y Datasheet
87Kb / 11P
   DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
More results

Similar Description - VND05B012Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND10B STMICROELECTRONICS-VND10B Datasheet
186Kb / 11P
   DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
VND10B STMICROELECTRONICS-VND10B_04 Datasheet
213Kb / 13P
   DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
VND10B-11-E STMICROELECTRONICS-VND10B-11-E Datasheet
222Kb / 13P
   DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
VND05B STMICROELECTRONICS-VND05B Datasheet
87Kb / 11P
   DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
   HIGH SIDE SMART POWER SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com