Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS1636503 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ABS1636503
Description  HIGH ENVIRONMENTAL RESISTANCE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ABS1636503 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ABS1636503 Datasheet HTML 1Page - Panasonic Semiconductor ABS1636503 Datasheet HTML 2Page - Panasonic Semiconductor ABS1636503 Datasheet HTML 3Page - Panasonic Semiconductor ABS1636503 Datasheet HTML 4Page - Panasonic Semiconductor ABS1636503 Datasheet HTML 5Page - Panasonic Semiconductor ABS1636503 Datasheet HTML 6Page - Panasonic Semiconductor ABS1636503 Datasheet HTML 7Page - Panasonic Semiconductor ABS1636503 Datasheet HTML 8Page - Panasonic Semiconductor ABS1636503 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ABS1,4,5
2. Immersion protected type (3 wire leads type SPDT) With agency standard type will be discontinued from August 31, 2012.
AgNi alloy
Au-clad triple layer
Au-clad double layer
* Agency standard: Please refer to “Ordering information”.
Actuator
Operating force
Max.
SPDT
Wire position
Straight
Right angle
Left angle
Pin plunger
0.98 N
ABS1610403
ABS4610403
ABS5610403
1.47 N
ABS1610503
ABS4610503
ABS5610503
Short hinge lever
0.39 N
ABS1611403
ABS4611403
ABS5611403
0.59 N
ABS1611503
ABS4611503
ABS5611503
Hinge lever
0.34 N
ABS1612403
ABS4612403
ABS5612403
0.54 N
ABS1612503
ABS4612503
ABS5612503
Long hinge lever
0.25 N
ABS1613403
ABS4613403
ABS5613403
0.44 N
ABS1613503
ABS4613503
ABS5613503
Simulated roller lever
0.34 N
ABS1614403
ABS4614403
ABS5614403
0.54 N
ABS1614503
ABS4614503
ABS5614503
Roller lever
0.39 N
ABS1616403
ABS4616403
ABS5616403
0.59 N
ABS1616503
ABS4616503
ABS5616503
Actuator
Operating force
Max.
SPDT
Wire position
Straight
Right angle
Left angle
Pin plunger
0.98 N
ABS1610413
ABS4610413
ABS5610413
1.47 N
ABS1610513
ABS4610513
ABS5610513
Short hinge lever
0.39 N
ABS1611413
ABS4611413
ABS5611413
0.59 N
ABS1611513
ABS4611513
ABS5611513
Hinge lever
0.34 N
ABS1612413
ABS4612413
ABS5612413
0.54 N
ABS1612513
ABS4612513
ABS5612513
Long hinge lever
0.25 N
ABS1613413
ABS4613413
ABS5613413
0.44 N
ABS1613513
ABS4613513
ABS5613513
Simulated roller lever
0.34 N
ABS1614413
ABS4614413
ABS5614413
0.54 N
ABS1614513
ABS4614513
ABS5614513
Roller lever
0.39 N
ABS1616413
ABS4616413
ABS5616413
0.59 N
ABS1616513
ABS4616513
ABS5616513
Actuator
Operating force
Max.
SPDT
Wire position
Straight
Right angle
Left angle
Pin plunger
0.98 N
ABS1610449
ABS4610449
ABS5610449
1.47 N
ABS1610549
ABS4610549
ABS5610549
Short hinge lever
0.39 N
ABS1611449
ABS4611449
ABS5611449
0.59 N
ABS1611549
ABS4611549
ABS5611549
Hinge lever
0.34 N
ABS1612449
ABS4612449
ABS5612449
0.54 N
ABS1612549
ABS4612549
ABS5612549
Long hinge lever
0.25 N
ABS1613449
ABS4613449
ABS5613449
0.44 N
ABS1613549
ABS4613549
ABS5613549
Simulated roller lever
0.34 N
ABS1614449
ABS4614449
ABS5614449
0.54 N
ABS1614549
ABS4614549
ABS5614549
Roller lever
0.39 N
ABS1616449
ABS4616449
ABS5616449
0.59 N
ABS1616549
ABS4616549
ABS5616549
AECTB2E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - ABS1636503

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
ABS16 HY-ABS16 Datasheet
378Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
logo
Shanghai Leiditech Elec...
ABS16 LEIDITECH-ABS16 Datasheet
955Kb / 3P
   Glass passivated bridge rectifier
logo
List of Unclassifed Man...
ABS1699 ETC2-ABS1699 Datasheet
1Mb / 3P
   Durable, rugged construction
logo
Shanghai Shunye Electro...
ABS16S SY-ABS16S Datasheet
347Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - ABS1636503

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ABV161040 NAIS-ABV161040 Datasheet
565Kb / 5P
   HIGH ENVIRONMENTAL RESISTANCE
logo
Glenair, Inc.
940-016 GLENAIR-940-016 Datasheet
77Kb / 2P
   High-Pressure Environmental
227-015 GLENAIR-227-015 Datasheet
168Kb / 1P
   High-Pressure Environmental Plug
logo
Delta Electronics, Inc.
CMK08B02TH DELTA-CMK08B02TH Datasheet
54Kb / 1P
   Low cost, Low resistance, Excellent electrical isolation and environmental stability
logo
TXC Corporation.
AH-SERIES TXC-AH-SERIES Datasheet
954Kb / 1P
   High reliable environmental performance.
logo
Glenair, Inc.
220-00 GLENAIR-220-00 Datasheet
119Kb / 2P
   High-Pressure Environmental/Hermetic
220-01 GLENAIR-220-01 Datasheet
110Kb / 2P
   High-Pressure Environmental/Hermetic
220-02 GLENAIR-220-02 Datasheet
136Kb / 2P
   High-Pressure Environmental/Hermetic
227-158 GLENAIR-227-158 Datasheet
95Kb / 2P
   High-Pressure Environmental Cable Plug
220-06 GLENAIR-220-06 Datasheet
174Kb / 2P
   High-Pressure Environmental Cable Plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com