Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43601 Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # PE43601
Description  RF Digital Attenuator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43601 Datasheet(HTML) 6 Page - Peregrine Semiconductor

Back Button PE43601 Datasheet HTML 2Page - Peregrine Semiconductor PE43601 Datasheet HTML 3Page - Peregrine Semiconductor PE43601 Datasheet HTML 4Page - Peregrine Semiconductor PE43601 Datasheet HTML 5Page - Peregrine Semiconductor PE43601 Datasheet HTML 6Page - Peregrine Semiconductor PE43601 Datasheet HTML 7Page - Peregrine Semiconductor PE43601 Datasheet HTML 8Page - Peregrine Semiconductor PE43601 Datasheet HTML 9Page - Peregrine Semiconductor PE43601 Datasheet HTML 10Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Product Specification
PE43601
Page 6 of 13
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0253-05
│ UltraCMOS™ RFIC Solutions
0.0
5.0
10.0
15.0
20.0
25.0
30.0
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
Hz
Table 3. Operating Ranges
Table 4. Absolute Maximum Ratings
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted to
the limits in the Operating Ranges table. Operation
between operating range maximum and absolute
maximum for extended periods may reduce reliability.
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
6.0
V
VI
Voltage on any Digital input
-0.3
5.8
V
TST
Storage temperature range
-65
150
°C
VESD
ESD voltage (HBM)1
ESD voltage (Machine Model)
500
100
V
V
PIN
Input power (50
Ω)
9 kHz
≤ 20 MHz
20 MHz
≤ 6 GHz
See fig. 19
+23
dBm
dBm
Parameter
Min
Typ
Max
Units
VDD Power Supply Voltage
3.0
3.3
V
IDD Power Supply Current
70
350
µA
Digital Input High
2.6
5.5
V
PIN Input power (50Ω):
9 kHz
≤ 20 MHz
20 MHz
≤ 6 GHz
See fig. 19
+23
dBm
dBm
TOP Operating temperature
range
-40
25
85
°C
Digital Input Low
0
1
V
Digital Input Leakage1
15
µA
VDD Power Supply Voltage
5.0
5.5
V
Note 1. Input leakage current per Control pin
Note: 1. Human Body Model (HBM, MIL_STD 883 Method 3015.7)
Figure 19. Maximum Power Handling Capability: Z0 = 50 Ω


Similar Part No. - PE43601

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43601 PEREGRINE-PE43601 Datasheet
394Kb / 13P
   RF Digital Attenuator 6-bit, 15.75dB, DC-6.0 GHz
PE43601 PEREGRINE-PE43601 Datasheet
413Kb / 13P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43601 PSEMI-PE43601_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43601 PEREGRINE-PE43601_15 Datasheet
413Kb / 13P
   RF Digital Attenuator
More results

Similar Description - PE43601

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_15 Datasheet
457Kb / 10P
   RF Digital Attenuator
PE4307 PEREGRINE-PE4307_15 Datasheet
441Kb / 11P
   RF Digital Attenuator
PE4302 PEREGRINE-PE4302_15 Datasheet
472Kb / 10P
   RF Digital Attenuator
PE4308 PEREGRINE-PE4308_15 Datasheet
504Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502 Datasheet
443Kb / 11P
   RF Digital Attenuator
PE43702 PSEMI-PE43702 Datasheet
471Kb / 11P
   RF Digital Attenuator
PE43703 PSEMI-PE43703 Datasheet
446Kb / 15P
   RF Digital Attenuator
PE4302 PSEMI-PE4302 Datasheet
472Kb / 11P
   RF Digital Attenuator
PE4304 PSEMI-PE4304 Datasheet
535Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404_15 Datasheet
529Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43404 PSEMI-PE43404 Datasheet
529Kb / 11P
   RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com