Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMN31111 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AMN31111
Description  Passive infrared human detection sensor with built-in amp.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AMN31111 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AMN31111 Datasheet HTML 1Page - Panasonic Semiconductor AMN31111 Datasheet HTML 2Page - Panasonic Semiconductor AMN31111 Datasheet HTML 3Page - Panasonic Semiconductor AMN31111 Datasheet HTML 4Page - Panasonic Semiconductor AMN31111 Datasheet HTML 5Page - Panasonic Semiconductor AMN31111 Datasheet HTML 6Page - Panasonic Semiconductor AMN31111 Datasheet HTML 7Page - Panasonic Semiconductor AMN31111 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP Motion Sensor (AMN2, 3, 4)
Passive infrared
human detection sensor
with built-in amp.
MP MOTION SENSOR
‘’
FEATURES
1.
pyroelectric sensor modules contain the
necessary functions in a small package (TO-5). These
miniature, high-performance infrared human detection
sensors take the trouble out of circuit design and mounting.
2. Ideal for small-movement detection thanks to quad-type
pyroelectric element.
The quad-type pyroelectric element contained in
has four receptors. Since the detection zone within the
detection range is so precise, even small movements can
be detected.
3. Lenses can be miniaturized because the pyroelectric
element is small
A short focal length is all that’s required even when
detecting at the same distance, because the size of the
pyroelectric element is so small. This means that
high precision is maintained even though the lens is small
and the sensor itself has been miniaturized.
4. Small temperature differences also detected.
detects the temperature difference between the
detection target and its surroundings, and the lowest
required temperature difference to the background is 4
°C
7.2
°F.
This means that temperature differences can be accurately
detected not only in winter, when the temperature
differences are large, but also in summer, when
temperature differences are slight.
Standard
type
Slight motion
detection type
Spot type
10 m detection
type
Lens
Lens
Sensor module
IC
PIR element
Chip parts
PC board
Shielded plate
Capacitor
Lens
Quad-type
pyroelectric
element
Focal length
(distance between element and lens)
Representation of detection
Detection zone
Small
movement
Surface temperature: 34
°C 93.2°F
Winter
Floor temperature:
22
°C 71.6°F
Summer
Floor temperature:
30
°C 86.0°F
Large
temperature
difference
Temperature
difference:
12
°C 53.6°F
Small temperature
differences mean
difficult detection.
Temperature
difference:
4
°C 7.2°F
5. Excellent noise resistance (radiation noise, power supply noise)
The entire
circuitry is enclosed in a metal package, which means it has extremely high electromagnetic shielding
capabilities. With proven resistance against power supply noise, it is also resistant against power supply superimposed
noise.
GND
Vd
Radiation
noise
Power supply
superimposed
noise
OUT
ASCTB240E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
RoHS compliant


Similar Part No. - AMN31111

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN31111 PANASONIC-AMN31111 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
AMN31111 PANASONIC-AMN31111 Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
More results

Similar Description - AMN31111

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN32112 PANASONIC-AMN32112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
EKMC1601112 PANASONIC-EKMC1601112 Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
logo
Murata Manufacturing Co...
MA40H1S-R MURATA-MA40H1S-R Datasheet
174Kb / 2P
   Human detection
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
   One by one human detection sensor
22-Mar-2021
logo
Panasonic Semiconductor
EKMB PANASONIC-EKMB Datasheet
1Mb / 6P
   Passive Infrared Motion Sensor
logo
List of Unclassifed Man...
EKMC ETC1-EKMC Datasheet
556Kb / 6P
   Passive Infrared Motion Sensor
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
   Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
logo
Nais(Matsushita Electri...
AMN13111 NAIS-AMN13111 Datasheet
1Mb / 9P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
logo
Sangdest Microelectroni...
SSR1680 SMC-SSR1680 Datasheet
238Kb / 11P
   Built-In Detection Voltage Hysteresis
logo
Panasonic Semiconductor
AMN13112 PANASONIC-AMN13112 Datasheet
1Mb / 8P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com