Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMN34112 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AMN34112
Description  Passive infrared human detection sensor with built-in amp.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AMN34112 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AMN34112 Datasheet HTML 1Page - Panasonic Semiconductor AMN34112 Datasheet HTML 2Page - Panasonic Semiconductor AMN34112 Datasheet HTML 3Page - Panasonic Semiconductor AMN34112 Datasheet HTML 4Page - Panasonic Semiconductor AMN34112 Datasheet HTML 5Page - Panasonic Semiconductor AMN34112 Datasheet HTML 6Page - Panasonic Semiconductor AMN34112 Datasheet HTML 7Page - Panasonic Semiconductor AMN34112 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP Motion Sensor (AMN2, 3, 4)
DETECTION PERFORMANCE
1. Standard detection type
Notes: 1. The X-Y cross-sectional diagram shows the detection area.
2. The differences in the detection zone patterns are indicative of the projections
of the 16 lenses with single focal point and with five optical axes.
An object whose temperature differs from the background temperature and
which crosses inside the detection zone will be detected.
X
5m
5m
2.5m
2.5m
50
°
50
°
0
°
TOP VIEW
(56
°)
(56
°)
16.404ft
16.404ft
8.202ft
8.202ft
Y
5m
5m
2.5m
2.5m
41
°
41
°
0
°
SIDE VIEW
(49
°)
(49
°)
16.404ft
16.404ft
8.202ft
8.202ft
Y
Detection zone
1
(Max. 7.42m)
(Max. 5.66m)
X
2
2
3
3
4m
4m
1
1
1
2
2
3m
3m
(Max. 24.344ft)
(Max. 18.570ft)
3.281
6.562
6.562
9.843
9.843
13.123ft
13.123ft
3.281
3.281
3.281
6.562
6.562
9.843ft
9.843ft
X-Y cross section
2. Slight motion detection type
X-Y cross section
Notes: 1. The X-Y cross-sectional diagram shows the detection area.
2. The differences in the detection zone patterns are indicative of the projections of the 26 lenses with single focal point and with three optical axes.
An object whose temperature differs from the background temperature and which crosses inside the detection zone will be detected.
1m
1.5
2
2.5m
–1.5
–2
–2.5m
1
0.5
0
–0.5
–1
Y
46
°
46
°
0
°
1m
2m
3.281ft
6.562ft
(51
°)
(51
°)
2m
3.281ft
4.921
6.562
8.202ft
–4.921
–6.562
–8.202ft
3.281
1.640
–1.640
–3.281
6.562ft
Y
Detection zone
X
(Max. 5m dia.)
(Max. 16.404ft dia.)
–0.5
–0.5
–1
–1.5
–2
0.5
0.5
1
1.5
2
–1
1
–1.5
1.5
–2
2
–2.5m
2.5m
–2.5m
2.5m
–1.640
–1.640
–3.281
–4.921
–6.562
1.640
1.640
3.281
4.921
6.562
–3.281
3.281
–4.921
4.921
–6.562
6.562
–8.202ft
8.202ft
–8.202ft
8.202ft
ASCTB240E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - AMN34112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN34112 PANASONIC-AMN34112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
AMN34112 PANASONIC-AMN34112 Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
More results

Similar Description - AMN34112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
EKMC1601112 PANASONIC-EKMC1601112 Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
logo
Murata Manufacturing Co...
MA40H1S-R MURATA-MA40H1S-R Datasheet
174Kb / 2P
   Human detection
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
   One by one human detection sensor
22-Mar-2021
logo
Panasonic Semiconductor
EKMB PANASONIC-EKMB Datasheet
1Mb / 6P
   Passive Infrared Motion Sensor
logo
List of Unclassifed Man...
EKMC ETC1-EKMC Datasheet
556Kb / 6P
   Passive Infrared Motion Sensor
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
   Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
logo
Nais(Matsushita Electri...
AMN13111 NAIS-AMN13111 Datasheet
1Mb / 9P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
logo
Sangdest Microelectroni...
SSR1680 SMC-SSR1680 Datasheet
238Kb / 11P
   Built-In Detection Voltage Hysteresis
logo
Panasonic Semiconductor
AMN13112 PANASONIC-AMN13112 Datasheet
1Mb / 8P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com