Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMN41121 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AMN41121
Description  Passive infrared human detection sensor with built-in amp.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AMN41121 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AMN41121 Datasheet HTML 1Page - Panasonic Semiconductor AMN41121 Datasheet HTML 2Page - Panasonic Semiconductor AMN41121 Datasheet HTML 3Page - Panasonic Semiconductor AMN41121 Datasheet HTML 4Page - Panasonic Semiconductor AMN41121 Datasheet HTML 5Page - Panasonic Semiconductor AMN41121 Datasheet HTML 6Page - Panasonic Semiconductor AMN41121 Datasheet HTML 7Page - Panasonic Semiconductor AMN41121 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP Motion Sensor (AMN2, 3, 4)
2. Absolute maximum ratings (Measuring condition: ambient temperature = 25
°C 77°F) (Common to All types)
3. Electrical characteristics (Common to All types)
1) Digital output
Note: The current which is consumed during detection consists of the standby consumed current plus the output current.
2) Analog output
Note: To set to the same detection performance as the digital output type, set the output voltage to the offset voltage (2.5V)
±0.45V (i.e. 2.95V or more and 2.05V or less).
TIMING CHART
Items
Absolute maximum ratings
Power supply voltage
–0.3 to 7 V DC
Usable ambient temperature
–20 to 60
°C –4 to +140°F (No freezing and condensing at low temperature.)
Storage temperature
–20 to 70
°C –4 to +158°F
Items
Symbol
Electrical characteristics
*( ) is low current consumption type
Measured conditions
*( ) is low current consumption type
Rated operating voltage
Minimum
Vdd
3.0 V DC (2.2 V DC)
Maximum
6.0 V DC (3.0 V DC)
Rated consumption current
(Standby) Note)
Typical
Iw
170
µA (46 µA)
Ambient temperature = 25
°C 77°F
Operating voltage = 5V (3V)
Iout = 0
Maximum
300
µA (60 µA)
Output current (when detecting)
Maximum
Iout
100
µA
Ambient temperature = 25
°C 77°F
Operating voltage = 5V (3V)
Vout
Vdd–0.5
Output voltage (when detecting)
Minimum
Vout
Vdd –0.5
Ambient temperature = 25
°C 77°F
Operating voltage = 5V (3V)
Open when not detecting
Circuit stability time
Typical
Twu
7 s
Ambient temperature = 25
°C 77°F
Operating voltage = 5V (3V)
Maximum
30 s
Items
Symbol
Specified value
Measured conditions
Operating voltage
Minimum
Vdd
4.5 V DC
Maximum
5.5 V DC
Consumption current
Typical
Iw
170
µA
Ambient temperature = 25
°C 77°F
Operating voltage = 5V (3V)
Iout = 0
Maximum
300
µA
Output current
Maximum
Iout
50
µA
Ambient temperature = 25
°C 77°F
Operating voltage = 5V (3V)
Output voltage renge
Minimum
Vout
0 V
Ambient temperature = 25
°C 77°F
Operating voltage = 5V (3V)
Maximum
Vdd
Output offset average voltage
Minimum
Voff
2.3 V
Ambient temperature = 25
°C 77°F
Operating voltage = 5V (3V)
Steady-state output voltage when not detecting
Typical
2.5 V
Maximum
2.7 V
Steady-state noise
Typical
Vn
155 m Vp-p
Ambient temperature = 25
°C 77°F
Operating voltage = 5V (3V)
Maximum
300 m Vp-p
Detection sensitivity
Minimum
Vh or Vl
0.45 V
Ambient temperature = 25
°C 77°F
Operating voltage = 5V (3V)
Temperature difference with background: 4
°C 39.2°F
Please refer to conditions of other detection objects.
Circuit stability time
Maximum
Twu
45 s
Ambient temperature = 25
°C 77°F
Operating voltage = 5V (3V)
1. Digital output
Note: Circuit stability time: 30s max.
While the circuitry is stabilizing after the power is turned on, the sensor output
is not fixed in the “on” state or “off” state. This is true regardless of whether or
not the sensor has detected anything.
ON
OFF
Power supply
Detection state
ON
OFF
Detect
Not
detect
Sensor output
Circuit stability time
2. Analog output
Note: Circuit stability time: 45s max.
While the circuitry is stabilizing after the power is turned on, the sensor output
is not fixed in the “on” state or “off” state. This is true regardless of whether or
not the sensor has detected anything.
Vdd
GND
(Comparator
decision output)
Vdd
Voff
Vh
Vn
Vl
GND
2.5V
Circuit stability time
Body
movement
Threshold voltage 1
(comparator)
Threshold voltage 2
(comparator)
Power supply
Detection state
Detect
Not
detect
Output waveform
V out
ASCTB240E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - AMN41121

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN41121 PANASONIC-AMN41121 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
More results

Similar Description - AMN41121

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
EKMC1601112 PANASONIC-EKMC1601112 Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
logo
Murata Manufacturing Co...
MA40H1S-R MURATA-MA40H1S-R Datasheet
174Kb / 2P
   Human detection
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
   One by one human detection sensor
22-Mar-2021
logo
Panasonic Semiconductor
EKMB PANASONIC-EKMB Datasheet
1Mb / 6P
   Passive Infrared Motion Sensor
logo
List of Unclassifed Man...
EKMC ETC1-EKMC Datasheet
556Kb / 6P
   Passive Infrared Motion Sensor
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
   Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
logo
Nais(Matsushita Electri...
AMN13111 NAIS-AMN13111 Datasheet
1Mb / 9P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
logo
Sangdest Microelectroni...
SSR1680 SMC-SSR1680 Datasheet
238Kb / 11P
   Built-In Detection Voltage Hysteresis
logo
Panasonic Semiconductor
AMN13112 PANASONIC-AMN13112 Datasheet
1Mb / 8P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com