Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMN41121 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AMN41121
Description  Passive infrared human detection sensor with built-in amp.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AMN41121 Datasheet(HTML) 7 Page - Panasonic Semiconductor

  AMN41121 Datasheet HTML 1Page - Panasonic Semiconductor AMN41121 Datasheet HTML 2Page - Panasonic Semiconductor AMN41121 Datasheet HTML 3Page - Panasonic Semiconductor AMN41121 Datasheet HTML 4Page - Panasonic Semiconductor AMN41121 Datasheet HTML 5Page - Panasonic Semiconductor AMN41121 Datasheet HTML 6Page - Panasonic Semiconductor AMN41121 Datasheet HTML 7Page - Panasonic Semiconductor AMN41121 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MP Motion Sensor (AMN2, 3, 4)
DIMENSIONS (mm inch)
1. Standard detection type
.018±.002 dia.
0.45±0.05 dia.
Molding gate
Notes 3)
.571
14.5
4.5
.177
.433 dia.
11 dia.
.374 dia.
9.5 dia.
.433
11
GND
OUT
Vdd
.200±.008 dia.
P.C.D. 5.08±0.2 dia.
45° ±4°
45°
±4°
Recommended panel mounting hole
Notes: 1. In order to ensure proper detection, install it with the
lens exposed at least 3.5mm .138inch.
2. As for panel mounting hole, tapering or making a
large size hole should be done.
3. The height dimension does not include the
remaining molding gate.
Note 1)
10
dia.
+0.2
0
.394
dia.
+.008
0
Note 2)
11.0
.433
45
°
45
°
5.08
±0.1
dia.
.200
±.004 dia.
3-.026
dia.
3-0.65
dia.
+0.1
0
+.004
0
Sensing area
General tolerance
±0.5 ±.020
CAD Data
2. Slight motion detection type
45°±4°
45°
±4°
Vdd
OUT
GND
Note 3)
Molding gate
.200±.008 dia.
P.C.D. 5.08±0.2 dia.
.177
4.5
8.9
.350
15.2
.598
12.8
.504
.018±.002 dia.
0.45±0.05 dia.
12.7 dia.
.500 dia.
11 dia.
.433 dia.
11.9 dia.
.469 dia.7.4 dia.
.291 dia.
Recommended panel mounting hole
Notes: 1. In order to ensure proper detection, install it with the
lens exposed at least 2.4mm .094inch.
2. As for panel mounting hole, tapering or making a
large size hole should be done.
3. The height dimension does not include the
remaining molding gate.
Note 2)
Note 1)
45
°
45
°
12.8
.504
2.4
.094
Sensing area
12.4
dia.
+0.2
0
.488
dia.
+.008
0
5.08
±0.1
dia.
.200
±.004 dia.
3-0.65
dia.
+0.1
0
3-.026
dia.
+.004
0
CAD Data
3. Spot detection type
GND
OUT
Vdd
±4°
45°
45° ±4°
Note 2)
8.9 dia.
.350 dia.
11
.433
±0.05
0.45
dia.
±.002
.018
dia.
15.1
4.5
.594
.177
±0.2
P.C.D. 5.08
dia.
±.008
.200
dia.
Molding gate
Recommended panel
mounting hole
Note 1)
9.4
dia.
+0.2
-0
.370
dia.
+.008
-0
3-0.65
dia.
±.004
.200
dia.
±0.1
5.08
dia.
-0
+0.1
3-.026
dia.
-0
+.004
Notes: 1. As for panel mounting hole, tapering or
making a large size hole should be done.
2. The height dimension does not include the
remaining molding gate.
4. 10m detection type
Note 3)
GND
OUT
Vdd
±4°
45°
45° ±4°
17.0 dia.
.670 dia.
17.4 dia.
.685 dia.
18.53
4.5
8.6
.730
.177
.339
11 dia.
.433 dia.
±0.05
0.45
dia.
±.002
.018
dia.
±0.2
P.C.D. 5.08
dia.
±.008
.200
dia.
Molding
gate
Recommended panel
mounting hole
Note 2)
Note 1)
Sensing area
.705
dia.
-0
+.008
17.9
dia.
-0
+0.2
12.9
.508
3-0.65
dia.
±.004
.200
dia.
±0.1
5.08
dia.
-0
+0.1
3-.026
dia.
-0
+.004
Notes: 1. In order to ensure proper detection, install it with the lens exposed at least 5.6mm .220inch.
2. As for panel mounting hole, tapering or making a large size hole should be done.
3. The height dimension does not include the remaining molding gate.
CAD Data
CAD Data
ASCTB240E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e


Similar Part No. - AMN41121

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN41121 PANASONIC-AMN41121 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
More results

Similar Description - AMN41121

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
EKMC1601112 PANASONIC-EKMC1601112 Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
logo
Murata Manufacturing Co...
MA40H1S-R MURATA-MA40H1S-R Datasheet
174Kb / 2P
   Human detection
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
   One by one human detection sensor
22-Mar-2021
logo
Panasonic Semiconductor
EKMB PANASONIC-EKMB Datasheet
1Mb / 6P
   Passive Infrared Motion Sensor
logo
List of Unclassifed Man...
EKMC ETC1-EKMC Datasheet
556Kb / 6P
   Passive Infrared Motion Sensor
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
   Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
logo
Nais(Matsushita Electri...
AMN13111 NAIS-AMN13111 Datasheet
1Mb / 9P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
logo
Sangdest Microelectroni...
SSR1680 SMC-SSR1680 Datasheet
238Kb / 11P
   Built-In Detection Voltage Hysteresis
logo
Panasonic Semiconductor
AMN13112 PANASONIC-AMN13112 Datasheet
1Mb / 8P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com