Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3842DG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # UC3842DG4
Description  CURRENT MODE PWM CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3842DG4 Datasheet(HTML) 5 Page - Texas Instruments

  UC3842DG4 Datasheet HTML 1Page - Texas Instruments UC3842DG4 Datasheet HTML 2Page - Texas Instruments UC3842DG4 Datasheet HTML 3Page - Texas Instruments UC3842DG4 Datasheet HTML 4Page - Texas Instruments UC3842DG4 Datasheet HTML 5Page - Texas Instruments UC3842DG4 Datasheet HTML 6Page - Texas Instruments UC3842DG4 Datasheet HTML 7Page - Texas Instruments UC3842DG4 Datasheet HTML 8Page - Texas Instruments UC3842DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
ERROR AMP CONFIGURATION
_
+
2.5 V
2
1
VFB
COMP
ZF
ZI
0.5 mA
UNDER-VOLTAGE LOCKOUT
VCC
<17 mA
<1 mA
VOFF
VON
VCC
7
VCC
ON/OFF Command
to REST of IC
UC1842
UC1844
UC1843
UC1845
VON
VOFF
16 V
10 V
8.4 V
7.6 V
CURRENT SENSE CIRCUIT
Peak Current (IS) is Determined By The Formula
ERROR
AMP
2R
R
1 V
5
COMP
CURRENT
SENSE
GND
IS
R
C
RS
CURRENT
SENSE
COMPARATOR
,1.0 V
RS
ISMAX
1
3
5
UC1842/3/4/5
UC2842/3/4/5
UC3842/3/4/5
SLUS223C – APRIL 1997 – REVISED JUNE 2007
Error amp can source or sink up to 0.5 mA.
During under-voltage lock-out, the output drive is biased to sink minor amounts of current. Pin 6 should be
shunted to ground with a bleeder resistor to prevent activating the power switch with extraneous leakage
currents.
A small RC filter may be required to suppress switch transients.
5
Submit Documentation Feedback


Similar Part No. - UC3842DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3842DG4 TI-UC3842DG4 Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC3842DG4 TI-UC3842DG4 Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC3842DG4 TI1-UC3842DG4 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
More results

Similar Description - UC3842DG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com