Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE99151 Datasheet(PDF) 9 Page - Peregrine Semiconductor

Part # PE99151
Description  Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE99151 Datasheet(HTML) 9 Page - Peregrine Semiconductor

Back Button PE99151 Datasheet HTML 5Page - Peregrine Semiconductor PE99151 Datasheet HTML 6Page - Peregrine Semiconductor PE99151 Datasheet HTML 7Page - Peregrine Semiconductor PE99151 Datasheet HTML 8Page - Peregrine Semiconductor PE99151 Datasheet HTML 9Page - Peregrine Semiconductor PE99151 Datasheet HTML 10Page - Peregrine Semiconductor PE99151 Datasheet HTML 11Page - Peregrine Semiconductor PE99151 Datasheet HTML 12Page - Peregrine Semiconductor PE99151 Datasheet HTML 13Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Product Specification
PE99151
Page 9 of 15
Document No. DOC-29314-2 │ www.psemi.com
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
DESIGN GUIDE
Setting the Output Voltage
The PE99151 can be configured to output a DC voltage
from +1.0V to +3.6V. The user can set the output voltage by
selecting the external feedback resistors Rfb1 and Rfb2. The
feedback resistors divide down the output voltage to be
compared to a +1.000V reference voltage. The error
amplifier uses this comparison to determine the amount of
current to send to the load.
To set the output voltage, a resistor divider must selected
that will produce at +1.000V DC voltage at the EAINM pin
when VOUT has reached the target output voltage.
Figure 8. Output Voltage Selection
VOUT = (Rfb1+Rfb2)/Rfb2 = 1 + Rfb1/Rfb2, and
Rfb1 = Rfb2* (VOUT - 1), +1V <VOUT ≤+3.6V
The PE99151 reference design uses a value of 10 kΩ for
Rfb2.
Example:
Desired VOUT = +2.5V
Rfb2 = 10 kΩ
Rfb1 = 10 kΩ * (+2.5V - 1) = 15 kΩ
* For a desired output voltage of 1V, Rfb1 can be replaced with a 0 Ω resistor and
Rfb2 not installed. This is equivalent to directly connecting VOUT to EAINM.
Output Inductor Selection
The output Inductor serves as the main energy storage
element in a switching regulator. It is perhaps the most
critical component influencing the performance of the buck
regulator. It impacts many aspects of the power supply
system performance, including power supply bandwidth,
output voltage ripple and ripple spectrum, and switching,
conduction, and core losses. Additionally, specific aspects
of the buck regulator itself place requirements on the
range of allowable Inductor values. These aspects
include the internal current detector sensitivity, the slope
compensation ramp dynamic range, and the current
limitations of the part. The selection of the Inductor is
also a function of the specifics of the application
including input voltage, output voltage, load current
range, switching frequency, PCB area, efficiency targets,
power supply bandwidth, and ripple requirements, to
name a few.
Many performance requirements and other component
selections place restrictions on the Inductor selection.
However, since the Inductor selection plays a central
role in the performance of the power supply, its selection
needs to be made early in the design process.
Therefore, as a starting point, the Inductor needs to be
initially selected based on a few rough calculations and
selection can be refined iteratively as more system
requirements are introduced.
The voltage across the Inductor is VL = L x IL/t, where
IL is defined to be the Inductor peak-to-peak current
ripple. The ripple current is the change in the Inductor
current during each switching cycle. For the PE99151, the
lower limit of IL is set by the current threshold comparator
sensitivity, while the upper limit of IL is set by the current
mode compensation dynamic range.
Given the output voltage, switching frequency, input
voltage and the minimum IL required by the part, the
Inductance can be calculated as:
L = VL x t/IL
L = VOUT/(FSW x IL) x [1 – D], where
Duty cycle = D = VOUT/VIN
Switching frequency = FSW
Duration of Inductor voltage = t = D/FSW
As the output switches pull the OUT pin alternately to VIN
and to GND, the inductor peak to peak current ripple
(triangular current waveform magnitude) is expressed as:
IL = VOUT/(L x FSW) * (1 – D)
Example:
VIN = +5.0V
VOUT = +2.5V
FSW = 1 MHz
IL = 0.5A
L = VOUT/(FSW x IL) x [1 – D]
L = (+2.5/(1 MHz x 0.5) * [(1 – (+2.5/+5.0))] = 2.5 µH
The Inductor self resonant frequency (SRF) should be
selected to be at least 10x higher than the switching
frequency FSW. Meeting this requirement will ensure
stability, reduce output ripple and improve efficiency.
Vout
Rfb1
Error Amp
Rfb2
+
_
1.000V
EAINM
EAINP
VREF


Similar Part No. - PE99151

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
   Hi-Rel 2A DC-DC Converter
PE99151 PSEMI-PE99151_14 Datasheet
465Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
More results

Similar Description - PE99151

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE99151 PSEMI-PE99151_14 Datasheet
465Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99155 PSEMI-PE99155 Datasheet
459Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99153 PSEMI-PE99153 Datasheet
441Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
logo
Renesas Technology Corp
ISL70005SEH RENESAS-ISL70005SEH Datasheet
1Mb / 46P
   Radiation Hardened Dual Output Point-of-Load, Integrated Synchronous Buck and Low Dropout Regulator
Jul 28, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM21215MHX TI1-LM21215MHX Datasheet
1Mb / 33P
[Old version datasheet]   15A High Efficiency Point of Load Synchronous Buck Regulator
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com