Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE99151 Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # PE99151
Description  Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE99151 Datasheet(HTML) 6 Page - Peregrine Semiconductor

Back Button PE99151 Datasheet HTML 2Page - Peregrine Semiconductor PE99151 Datasheet HTML 3Page - Peregrine Semiconductor PE99151 Datasheet HTML 4Page - Peregrine Semiconductor PE99151 Datasheet HTML 5Page - Peregrine Semiconductor PE99151 Datasheet HTML 6Page - Peregrine Semiconductor PE99151 Datasheet HTML 7Page - Peregrine Semiconductor PE99151 Datasheet HTML 8Page - Peregrine Semiconductor PE99151 Datasheet HTML 9Page - Peregrine Semiconductor PE99151 Datasheet HTML 10Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Product Specification
PE99151
Page 6 of 15
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-29314-2 │ UltraCMOS® Power Management Solutions
Figure 7. Block Diagram
Current Threshold
Comparator
OSC
Control
Logic
Current Sense
Power
Good
SYNCOb
PGOOD
OUT
Reference
Current
RSEL
ISET
RSET
ICOMP
GIREF
GICOMP
SSCAP
Error
Amplifier
EAOUT
SDb
Soft Start
GND
1.000V
agnd


Similar Part No. - PE99151

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
   Hi-Rel 2A DC-DC Converter
PE99151 PSEMI-PE99151_14 Datasheet
465Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
More results

Similar Description - PE99151

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE99151 PSEMI-PE99151_14 Datasheet
465Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99155 PSEMI-PE99155 Datasheet
459Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99153 PSEMI-PE99153 Datasheet
441Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
logo
Renesas Technology Corp
ISL70005SEH RENESAS-ISL70005SEH Datasheet
1Mb / 46P
   Radiation Hardened Dual Output Point-of-Load, Integrated Synchronous Buck and Low Dropout Regulator
Jul 28, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM21215MHX TI1-LM21215MHX Datasheet
1Mb / 33P
[Old version datasheet]   15A High Efficiency Point of Load Synchronous Buck Regulator
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com