Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE99153 Datasheet(PDF) 11 Page - Peregrine Semiconductor

Part # PE99153
Description  Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE99153 Datasheet(HTML) 11 Page - Peregrine Semiconductor

Back Button PE99153 Datasheet HTML 7Page - Peregrine Semiconductor PE99153 Datasheet HTML 8Page - Peregrine Semiconductor PE99153 Datasheet HTML 9Page - Peregrine Semiconductor PE99153 Datasheet HTML 10Page - Peregrine Semiconductor PE99153 Datasheet HTML 11Page - Peregrine Semiconductor PE99153 Datasheet HTML 12Page - Peregrine Semiconductor PE99153 Datasheet HTML 13Page - Peregrine Semiconductor PE99153 Datasheet HTML 14Page - Peregrine Semiconductor PE99153 Datasheet HTML 15Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Product Specification
PE99153
Page 11 of 15
Document No. DOC-29414-2 │ www.psemi.com
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Efficiency Estimation and Improvement
The efficiency of a switch mode power supply can be
estimated by identifying and estimating all sources of loss
in the power supply system. These loss terms include
switching losses, resistive losses, losses incurred on chip
and losses associated with external passive components.
External passive losses occur primarily in the output
inductor, the output capacitor and the input capacitor.
Internal losses at high current are dominated by the high
and low side switch resistance. At low current, internal
losses are dominated by quiescent bias current and
switching related losses.
The PE99153 Design Guide provides a simple tool for
estimating loss. Losses are parameterized across input
voltage, output voltage and switching frequency to
provide accurate estimates of the performance of the part
under a variety of conditions.
The following sections give the mathematical expressions
of six main loss terms calculated in the design guide
spreadsheet.
Input Capacitor
The loss in the input capacitor can be calculated by using
the estimate of the RMS capacitor current calculated in
the input capacitor selection section. Given that:
IRMS-CIN = ILOAD (max) x √[D x (1-D)]
Power lost in the input capacitor can be calculated as:
PLOSS-CIN = I
2
RMS-CIN x RCIN-ESR
Output Capacitor
The RMS current through the output capacitor in steady
state was calculated in the output capacitor selection
section as IL/√3. Power loss in the output capacitor is
then calculated as:
PLOSS-COUT = (IL
2/ 3) x RCOUT-ESR
Note that RCOUT-ESR is the ESR of the frequency range of
capacitors absorbing the ripple current.
Inductor
The inductor RMS current is given by:
ILRMS = I LOAD -IL/2 + IL/√3
Power lost in the DC resistance of the inductor is then
given as:
PLOSS-LOUT-DCR = ILRMS
2 x RLOUT-DCR
High Side Switch Loss
During the time the HSS is on, it is supporting the load
current plus the inductor ripple current. RMS current
through the HSS, when it is on, is given by:
IRMS-HSS = ILOAD -IL/2 + IL/√3
PLOSS-HSS = IRMS-HSS
2 x RON-HSS x D
Where the extra factor of D = VOUT/VIN is the duty ratio
and is included because power is only dissipated in the
HSS when it is on.
Low Side Switch Loss
During the time the LSS is on, it is supporting the load
current plus the inductor ripple current. RMS current
through the LSS, when it is on, is given by:
IRMS-LSS = ILOAD -IL/2 + IL/√3
PLOSS-LSS = IRMS-LSS
2 x RON-LSS x (1 -D)
Where the extra factor of 1 – (D = VOUT/VIN) is the duty
ratio of the LSS and is included because power is only
dissipated in the LSS when it is on.
Other Internal Loss
A complete list of internal losses in the PE99153 regulator
is estimated and available in the PE99153 design guide
spreadsheet available online. The internal losses are
parameterized across input voltage, output voltage and
switching frequency to provide accurate estimates of the
performance under a variety of conditions.
Setting the Current Limit
When the RSEL pin is grounded, the PE99153 uses an
internal current limiting resistor that will limit the output
current to a value of ILIMXINT listed in Table 2 of the
datasheet. See Figure 10 for a visual description of the
various current limits. The part can be programmed to
use an alternate current limit by tying the RSEL pin to
VIN. In this mode, the PE99153 can be programmed to
various output current limits through the selection of a
resistor connecting the RSET pin to ground.
Current Threshold
IL
I
LOAD (average current)
Max Current Limit:
ILIMXEXT or ILIMXINT
Operating Max: Imax
Absolute Max: Io
Time
Figure 10. PE99153 Current Limit


Similar Part No. - PE99153

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE99153DIE PSEMI-PE99153DIE Datasheet
1Mb / 15P
   Hi-Rel 6A DC-DC Converter
More results

Similar Description - PE99153

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE99151 PSEMI-PE99151_14 Datasheet
465Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99155 PSEMI-PE99155 Datasheet
459Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99151 PSEMI-PE99151 Datasheet
440Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
logo
Renesas Technology Corp
ISL70005SEH RENESAS-ISL70005SEH Datasheet
1Mb / 46P
   Radiation Hardened Dual Output Point-of-Load, Integrated Synchronous Buck and Low Dropout Regulator
Jul 28, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM21215MHX TI1-LM21215MHX Datasheet
1Mb / 33P
[Old version datasheet]   15A High Efficiency Point of Load Synchronous Buck Regulator
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com