Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS1114403 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ABS1114403
Description  HIGH ENVIRONMENTAL RESISTANCE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ABS1114403 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ABS1114403 Datasheet HTML 2Page - Panasonic Semiconductor ABS1114403 Datasheet HTML 3Page - Panasonic Semiconductor ABS1114403 Datasheet HTML 4Page - Panasonic Semiconductor ABS1114403 Datasheet HTML 5Page - Panasonic Semiconductor ABS1114403 Datasheet HTML 6Page - Panasonic Semiconductor ABS1114403 Datasheet HTML 7Page - Panasonic Semiconductor ABS1114403 Datasheet HTML 8Page - Panasonic Semiconductor ABS1114403 Datasheet HTML 9Page - Panasonic Semiconductor ABS1114403 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ABS1,4,5
5. Immersion protected type (3 wire leads type SPDT) With agency standard type will be discontinued from August 31, 2012.
• Leaf lever type
AgNi alloy
Au-clad triple layer
Au-clad double layer
6. Immersion protected type (2 wire leads type SPST-NC) With agency standard type will be discontinued from August 31,
2012.
• Leaf lever type
AgNi alloy
Au-clad triple layer
Au-clad double layer
7. Immersion protected type (2 wire leads type SPST-NO) With agency standard type will be discontinued from August 31,
2012.
• Leaf lever type
AgNi alloy
Au-clad triple layer
* Agency standard: Please refer to “Ordering information”.
Actuator
Operating force
Max.
SPDT
Wire position
Straight
Right angle
Left angle
Leaf lever
0.88 N
ABS1618403
ABS4618403
ABS5618403
1.08 N
ABS1618503
ABS4618503
ABS5618503
Actuator
Operating force
Max.
SPDT
Wire position
Straight
Right angle
Left angle
Leaf lever
0.88 N
ABS1618413
ABS4618413
ABS5618413
1.08 N
ABS1618513
ABS4618513
ABS5618513
Actuator
Operating force
Max.
SPDT
Wire position
Straight
Right angle
Left angle
Leaf lever
0.88 N
ABS1618449
ABS4618449
ABS5618449
1.08 N
ABS1618549
ABS4618549
ABS5618549
Actuator
Operating force
Max.
SPST-NC
Wire position
Straight
Right angle
Left angle
Leaf lever
0.88 N
ABS1628403
ABS4628403
ABS5628403
1.08 N
ABS1628503
ABS4628503
ABS5628503
Actuator
Operating force
Max.
SPST-NC
Wire position
Straight
Right angle
Left angle
Leaf lever
0.88 N
ABS1628413
ABS4628413
ABS5628413
1.08 N
ABS1628513
ABS4628513
ABS5628513
Actuator
Operating force
Max.
SPST-NC
Wire position
Straight
Right angle
Left angle
Leaf lever
0.88 N
ABS1628449
ABS4628449
ABS5628449
1.08 N
ABS1628549
ABS4628549
ABS5628549
Actuator
Operating force
Max.
SPST-NO
Wire position
Straight
Right angle
Left angle
Leaf lever
0.88 N
ABS1638403
ABS4638403
ABS5638403
1.08 N
ABS1638503
ABS4638503
ABS5638503
Actuator
Operating force
Max.
SPST-NO
Wire position
Straight
Right angle
Left angle
Leaf lever
0.88 N
ABS1638413
ABS4638413
ABS5638413
1.08 N
ABS1638513
ABS4638513
ABS5638513
AECTB2E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - ABS1114403

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
ABS11 HY-ABS11 Datasheet
378Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
ABS110 HY-ABS110 Datasheet
378Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
logo
Shanghai Leiditech Elec...
ABS110 LEIDITECH-ABS110 Datasheet
955Kb / 3P
   Glass passivated bridge rectifier
logo
First Silicon Co., Ltd
ABS110S FS-ABS110S Datasheet
353Kb / 3P
   Surface Mount Schottky Bridge Rectifier Reverse Voltage 100 Volts Forward Current 1.0 Ampere
logo
Chip Integration Techno...
ABS110S-B CITC-ABS110S-B Datasheet
227Kb / 4P
   Single Phase 1.0AMP Surface Mount
More results

Similar Description - ABS1114403

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ABV161040 NAIS-ABV161040 Datasheet
565Kb / 5P
   HIGH ENVIRONMENTAL RESISTANCE
logo
Glenair, Inc.
940-016 GLENAIR-940-016 Datasheet
77Kb / 2P
   High-Pressure Environmental
227-015 GLENAIR-227-015 Datasheet
168Kb / 1P
   High-Pressure Environmental Plug
logo
Delta Electronics, Inc.
CMK08B02TH DELTA-CMK08B02TH Datasheet
54Kb / 1P
   Low cost, Low resistance, Excellent electrical isolation and environmental stability
logo
TXC Corporation.
AH-SERIES TXC-AH-SERIES Datasheet
954Kb / 1P
   High reliable environmental performance.
logo
Glenair, Inc.
220-00 GLENAIR-220-00 Datasheet
119Kb / 2P
   High-Pressure Environmental/Hermetic
220-01 GLENAIR-220-01 Datasheet
110Kb / 2P
   High-Pressure Environmental/Hermetic
220-02 GLENAIR-220-02 Datasheet
136Kb / 2P
   High-Pressure Environmental/Hermetic
227-158 GLENAIR-227-158 Datasheet
95Kb / 2P
   High-Pressure Environmental Cable Plug
220-06 GLENAIR-220-06 Datasheet
174Kb / 2P
   High-Pressure Environmental Cable Plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com