Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE032IRGZR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032IRGZR
Description  Power-Line Communications Analog Front-End
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032IRGZR Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE032IRGZR Datasheet HTML 5Page - Texas Instruments AFE032IRGZR Datasheet HTML 6Page - Texas Instruments AFE032IRGZR Datasheet HTML 7Page - Texas Instruments AFE032IRGZR Datasheet HTML 8Page - Texas Instruments AFE032IRGZR Datasheet HTML 9Page - Texas Instruments AFE032IRGZR Datasheet HTML 10Page - Texas Instruments AFE032IRGZR Datasheet HTML 11Page - Texas Instruments AFE032IRGZR Datasheet HTML 12Page - Texas Instruments AFE032IRGZR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
ELECTRICAL CHARACTERISTICS: Zero-Crossing Detector
At TCASE = +25°C, VPAVS = 15 V, and VAVDD = VDVDD = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
AGND
AVDD
V
Input current range
–10
10
mA
RIN
Input resistance
AGND
≤ VIN ≤ AVDD
2
M
Ω
CIN
Input capacitance
4
pF
Rising threshold
0.45
0.9
1.35
V
Falling threshold
0.25
0.5
0.75
V
Hysteresis
0.2
0.4
0.6
V
Jitter
50 Hz and 60 Hz, 240 VRMS and 120 VRMS
10
ns
ELECTRICAL CHARACTERISTICS: Power Supply
At TCASE = +25°C, TJ = –40°C to +125°C, VPAVS = 15 V, and VAVDD = VDVDD = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATING SUPPLY RANGE
PA_VS
Power amplifier
7
15
24
V
DVDD
Digital supply
3.3
V
AVDD
Analog supply
3.3
V
QUIESCENT CURRENT (SD pin low)
IO = 0 V, PA = on
(1),
40
48
56
mA
REG_PA_CURRENT_CFG[7:6] = 00
IO = 0 V, PA = on
(1),
68
78
88
mA
REG_PA_CURRENT_CFG[7:6] = 01
IQPA_VS
Power amplifier
IO = 0 V, PA = on
(1),
84
96
108
mA
REG_PA_CURRENT_CFG[7:6] = 10
IO = 0 V, PA = on
(1),
10
17
24
mA
REG_PA_CURRENT_CFG[7:6] = 11
Tx configuration(2)
1.5
2.5
3.5
mA
IQDVDD
Digital supply
Rx configuration(3)
1.1
2.1
3.1
mA
All blocks disabled(4)
330
450
µA
Tx configuration(3)
8
11
14
mA
IQAVDD
Analog supply
Rx configuration(4)
9
13
17
mA
All blocks disabled(4)
25
100
µA
SHUTDOWN
SDPA_VS
Power amplifier
SD pin high
40
150
µA
SDDVDD
Digital supply
SD pin high
330
400
µA
SDAVDD
Analog supply
SD pin high
25
50
µA
(1)
PA and PA output enabled.
(2)
The DAC, TX_PGA, low-pass filter, PA, PA_NRF, TX_RX_NRF, and DAC_NRF blocks are enabled in the Tx configuration. All other
blocks are disabled.
(3)
The RX_PGA1, high-pass filter, low-pass filter, RX_PGA2, and TX_RX_NRF blocks are enabled in the Rx configuration. All other blocks
are disabled.
(4)
All internal blocks disabled, SD pin low.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: AFE032


Similar Part No. - AFE032IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE032IRGZR TI1-AFE032IRGZR Datasheet
1Mb / 77P
[Old version datasheet]   Power-Line Communications Analog Front-End
More results

Similar Description - AFE032IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
[Old version datasheet]   Power-Line Communications Analog Front-End
logo
Maxim Integrated Produc...
MAX2991 MAXIM-MAX2991 Datasheet
1Mb / 22P
   Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
Rev 0; 1/10
MAX2991 MAXIM-MAX2991_V01 Datasheet
1Mb / 22P
   Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
19-5125; Rev 0; 1/10
logo
Texas Instruments
AFE031 TI1-AFE031_13 Datasheet
970Kb / 57P
[Old version datasheet]   Powerline Communications Analog Front-End
AFE031 TI1-AFE031 Datasheet
1Mb / 56P
[Old version datasheet]   Powerline Communications Analog Front-End
SEPTEMBER2011
AFE030 TI1-AFE030 Datasheet
992Kb / 58P
[Old version datasheet]   Powerline Communications Analog Front-End
logo
STMicroelectronics
ST-PLC-AFE STMICROELECTRONICS-ST-PLC-AFE Datasheet
2Mb / 58P
   Power-line communication, analog front-end
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com