Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSW147AT Datasheet(PDF) 8 Page - NICHIA CORPORATION

Part # NSSW147AT
Description  SPECIFICATIONS FOR WHITE LED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSW147AT Datasheet(HTML) 8 Page - NICHIA CORPORATION

Back Button NSSW147AT Datasheet HTML 4Page - NICHIA CORPORATION NSSW147AT Datasheet HTML 5Page - NICHIA CORPORATION NSSW147AT Datasheet HTML 6Page - NICHIA CORPORATION NSSW147AT Datasheet HTML 7Page - NICHIA CORPORATION NSSW147AT Datasheet HTML 8Page - NICHIA CORPORATION NSSW147AT Datasheet HTML 9Page - NICHIA CORPORATION NSSW147AT Datasheet HTML 10Page - NICHIA CORPORATION NSSW147AT Datasheet HTML 11Page - NICHIA CORPORATION NSSW147AT Datasheet HTML 12Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NICHIA STS-DA1-2855A <Cat.No.131125>
7
TAPE AND REEL DIMENSIONS
Reel Size: 10000pcs
STS-DA7-4607A
数量は
1リールにつき 10000個入りです。
*
Nxxx147x
トレーラ部
/リーダ部 Trailer and Leader
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
* JIS C 0806電子部品テーピングに準拠しています。
管理番号
No.
(単位 Unit: mm)
リール部
Reel
f 13
±0.2
f 21
±0.8
ラベル
Label
11.4±1
9±0.3
180+0
-3
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.
* 実装作業の中断などでエンボスキャリアテープをリールに巻き取る場合、
エンボスキャリアテープを強く
(10N以上)締めないで下さい。
LEDがカバーテープに貼り付く可能性があります。
1.15±0.1
0.2±0.05
0.7±0.1
Φ
0.5±0.1
Cathode
-0
Φ
1.5+0.1
テーピング部
Tape
2±0.05
4±0.1
2±0.05
Top Cover Tape
引き出し方向
LED装着部
リーダ部最小
400mm
トレーラ部最小
160mm(空部)
Trailer 160mm MIN(Empty Pockets)
Loaded Pockets
エンボスキャリアテープ
Embossed Carrier Tape
トップカバーテープ
Feed
Direction
Leader without Top Cover Tape 400mm MIN
引き出し部最小
100mm(空部)
Leader with Top Cover Tape
100mm MIN(Empty Pocket)


Similar Part No. - NSSW147AT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSW146AT NICHIA-NSSW146AT Datasheet
291Kb / 18P
   WHITE LED
More results

Similar Description - NSSW147AT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW510DS NICHIA-NSPW510DS_14 Datasheet
228Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW515DS NICHIA-NSPW515DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW500DS NICHIA-NSPW500DS_14 Datasheet
224Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NS2W150B NICHIA-NS2W150B Datasheet
277Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW063A NICHIA-NSSW063A Datasheet
297Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NSSW150B NICHIA-NSSW150B Datasheet
276Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW206C NICHIA-NSSW206C Datasheet
298Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSWT02A NICHIA-NSSWT02A Datasheet
295Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NVSW119BT NICHIA-NVSW119BT_13 Datasheet
361Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NVSW219BT NICHIA-NVSW219BT_13 Datasheet
360Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NFCWD084B-V3 NICHIA-NFCWD084B-V3 Datasheet
994Kb / 43P
   SPECIFICATIONS FOR WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com