Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR14006XDDCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMR14006XDDCR
Description  SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14006XDDCR Datasheet(HTML) 1 Page - Texas Instruments

  LMR14006XDDCR Datasheet HTML 1Page - Texas Instruments LMR14006XDDCR Datasheet HTML 2Page - Texas Instruments LMR14006XDDCR Datasheet HTML 3Page - Texas Instruments LMR14006XDDCR Datasheet HTML 4Page - Texas Instruments LMR14006XDDCR Datasheet HTML 5Page - Texas Instruments LMR14006XDDCR Datasheet HTML 6Page - Texas Instruments LMR14006XDDCR Datasheet HTML 7Page - Texas Instruments LMR14006XDDCR Datasheet HTML 8Page - Texas Instruments LMR14006XDDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LMR14003/6
5V, 0.3/0.6A
CB
SW
FB
Cboot L1
D1
R1
R2
Cout
SHDN
VIN
Up to 40V
Cin
VIN
GND
Fixed 5V Output
Option Available
LMR14003, LMR14006
www.ti.com
SNVSA10 – NOVEMBER 2013
SIMPLE SWITCHER® 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
Check for Samples: LMR14003, LMR14006
1
FEATURES
DESCRIPTION
Ultra Low 28µA Standby Current in Sleep
The LMR14003 and LMR14006 are PWM DC/DC
Mode
buck (step-down) regulators. With a wide input range
Input Voltage Range 4V to 40V
of 4V-40V, they are suitable for a wide range of
1µA Shutdown Current
application from industrial to automotive for power
conditioning
from
an
unregulated
source.
The
High Duty Cycle Operation Supported
regulator’s standby current is 28µA in sleep mode,
Output Current Options of 300mA and 600mA
which is suitable for battery operating systems. An
5V Fixed Voltage Option Available
ultra low 1µA current can further prolong battery life
in shutdown mode. Operating frequency is fixed at
1.1MHz and 2.1MHz Switching Frequency
1.1MHz(X version) and 2.1MHz(Y version) allowing
Internal Compensation
the use of small external components while still being
High Voltage Enable Input
able to have low output ripple voltage. Soft-start and
compensation circuits are implemented internally, and
Internal Soft Start
these allow the device to be used with minimized
Over Current Protection
external components. The LMR14006 is optimized for
Over Temperature Protection
up to 600mA load currents while the LMR14003 is
Small Overall Solution Size (TSOT-6L Package)
optimized for up to 300mA load current. They all have
a 0.765V typical feedback voltage. The device has
built-in protection features such as pulse by pulse
APPLICATIONS
current limit, thermal sensing and shutdown due to
Industrial Distributed Power Systems
excessive power dissipation. The LMR14003 and
Automotive
LMR14006 are available in a low profile TSOT-6L
package.
Battery Powered Equipment
Portable Handheld Instruments
Portable Media Players
Figure 1. Typical Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMR14006XDDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14006XDDCR TI1-LMR14006XDDCR Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
More results

Similar Description - LMR14006XDDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR14006 TI-LMR14006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR14006 SIMPLE SWITCHER짰 40 V 600 mA Buck Regulator With High Efficiency Sleep Mode
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
   600mA High Efficiency Synchronous Buck with 350mA LDO
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com