Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT2L757DT Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NT2L757DT
Description  SPECIFICATIONS FOR WARM WHITE LED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NT2L757DT Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NT2L757DT Datasheet HTML 1Page - NICHIA CORPORATION NT2L757DT Datasheet HTML 2Page - NICHIA CORPORATION NT2L757DT Datasheet HTML 3Page - NICHIA CORPORATION NT2L757DT Datasheet HTML 4Page - NICHIA CORPORATION NT2L757DT Datasheet HTML 5Page - NICHIA CORPORATION NT2L757DT Datasheet HTML 6Page - NICHIA CORPORATION NT2L757DT Datasheet HTML 7Page - NICHIA CORPORATION NT2L757DT Datasheet HTML 8Page - NICHIA CORPORATION NT2L757DT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NICHIA STS-DA1-2779 <Cat.No.130523>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.6
3.5
V
P16
72.0
85.6
P15
60.5
72.0
P14
51.0
60.5
Luminous Flux
P13
42.8
51.0
lm
R70
Ra
70
-
-
Ra
80
-
-
Color Rendering Index
R8000
R9
0
-
-
Color Ranks
Rank sw27
Rank sw30
x
0.4373
0.4562
0.4813
0.4593
x
0.4147
0.4299
0.4562
0.4373
y
0.3893
0.4260
0.4319
0.3944
y
0.3814
0.4165
0.4260
0.3893
Rank sw35
Rank sw40
x
0.3898
0.3996
0.4299
0.4147
x
0.3670
0.3736
0.3996
0.3898
y
0.3716
0.4015
0.4165
0.3814
y
0.3578
0.3874
0.4015
0.3716
Rank sw45
x
0.3515
0.3548
0.3736
0.3670
y
0.3487
0.3736
0.3874
0.3578
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±7%
* Color Rendering Index Ra Tolerance: ±2
* Color Rendering Index R9 Tolerance: ±6.5
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.005
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Flux Ranks by Color Rank, Color Rendering Index Rank
Ranking by
Luminous Flux
Ranking by
Color Coordinates,
Color Rendering Index
P13
P14
P15
P16
R70
sw27
R8000
sw30,sw35,sw40,
sw45
R70,R8000


Similar Part No. - NT2L757DT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NT2L757D NICHIA-NT2L757D Datasheet
322Kb / 20P
   SPECIFICATIONS FOR WARM WHITE LED
NT2L757DR-V1 NICHIA-NT2L757DR-V1 Datasheet
331Kb / 20P
   SPECIFICATIONS FOR WARM WHITE LED
NT2L757DRT NICHIA-NT2L757DRT Datasheet
323Kb / 20P
   SPECIFICATIONS FOR WARM WHITE LED
More results

Similar Description - NT2L757DT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSBLL121A NICHIA-NSBLL121A Datasheet
474Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NSPL510DS NICHIA-NSPL510DS_14 Datasheet
217Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
NSPL570DS NICHIA-NSPL570DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
NS9L383 NICHIA-NS9L383 Datasheet
369Kb / 21P
   SPECIFICATIONS FOR WARM WHITE LED
NHSL157BT NICHIA-NHSL157BT Datasheet
327Kb / 17P
   SPECIFICATIONS FOR WARM WHITE LED
NFSL757GT-P5 NICHIA-NFSL757GT-P5 Datasheet
607Kb / 23P
   SPECIFICATIONS FOR WARM WHITE LED
NS2L157ART-H3 NICHIA-NS2L157ART-H3 Datasheet
304Kb / 18P
   SPECIFICATIONS FOR WARM WHITE LED
NS6L183BT NICHIA-NS6L183BT Datasheet
368Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NSCLL036A NICHIA-NSCLL036A Datasheet
473Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NESL064AT NICHIA-NESL064AT_14 Datasheet
309Kb / 17P
   SPECIFICATIONS FOR WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com