Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQY221R6TW Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AQY221R6TW
Description  VSSOP type with further reduction in mounting area
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQY221R6TW Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AQY221R6TW Datasheet HTML 1Page - Panasonic Semiconductor AQY221R6TW Datasheet HTML 2Page - Panasonic Semiconductor AQY221R6TW Datasheet HTML 3Page - Panasonic Semiconductor AQY221R6TW Datasheet HTML 4Page - Panasonic Semiconductor AQY221R6TW Datasheet HTML 5Page - Panasonic Semiconductor AQY221R6TW Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RF VSSOP 1 Form A C
×R10/C×R5 (AQY221❍❍T)
ASCTB1E 201209-T
16.-(4) On resistance distribution
Sample: AQY221N3T
Measured portion: between terminals 3 and 4
Continuous load current: 80 mA (DC), n: 50pcs.
Ambient temperature: 25
°C 77°F
17.-(1) Turn on time distribution
Sample: AQY221R6T
Load voltage: 10V (DC)
Continuous load current: 100 mA (DC), n: 50pcs.
Ambient temperature: 25
°C 77°F
17.-(2) Turn on time distribution
Sample: AQY221R2T
Load voltage: 10V (DC)
Continuous load current: 250 mA (DC), n: 50pcs.
Ambient temperature: 25
°C 77°F
23
4
5
7
6
0
10
20
30
40
50
On resistance,
0
10
20
30
40
50
0
0.04
0.08
0.12
0.2
0.16
Turn on time, ms
0
0.04
0.08
0.12
0.2
0.16
0
10
20
30
40
50
Turn on time, ms
17.-(3) Turn on time distribution
Sample: AQY221N2T
Load voltage: 10V (DC)
Continuous load current: 80 mA (DC), n: 50pcs.
Ambient temperature: 25
°C 77°F
17.-(4) Turn on time distribution
Sample: AQY221N3T
Load voltage: 10V (DC)
Continuous load current: 80 mA (DC), n: 50pcs.
Ambient temperature: 25
°C 77°F
18.-(1) Turn off time distribution
Sample: AQY221R6T
Load voltage: 10V (DC)
Continuous load current: 100 mA (DC), n: 50pcs.
Ambient temperature: 25
°C 77°F
0
0.01
0.02
0.03
0.05
0.04
0
10
20
30
40
50
Turn on time, ms
0
0.01
0.02
0.03
0.05
0.04
0
10
20
30
40
50
Turn on time, ms
0
10
20
30
40
50
0
0.02
0.04
0.06
0.1
0.08
Turn off time, ms
18.-(2) Turn off time distribution
Sample: AQY221R2T
Load voltage: 10V (DC)
Continuous load current: 250 mA (DC), n: 50pcs.
Ambient temperature: 25
°C 77°F
18.-(3) Turn off time distribution
Sample: AQY221N2T
Load voltage: 10V (DC)
Continuous load current: 80 mA (DC), n: 50pcs.
Ambient temperature: 25
°C 77°F
18.-(4) Turn off time distribution
Sample: AQY221N3T
Load voltage: 10V (DC)
Continuous load current: 80 mA (DC), n: 50pcs.
Ambient temperature: 25
°C 77°F
0
0.02
0.04
0.06
0.1
0.08
0
10
20
30
40
50
Turn off time, ms
0
0.01
0.02
0.03
0.05
0.04
0
10
20
30
40
50
Turn off time, ms
0
0.01
0.02
0.03
0.05
0.04
0
10
20
30
40
50
Turn off time, ms
19.-(1) LED operate current distribution
Sample: AQY221R6T
Load voltage: 10V (DC)
Continuous load current: 100 mA (DC), n: 50pcs.
Ambient temperature: 25
°C 77°F
19.-(2) LED operate current distribution
Sample: AQY221R2T
Load voltage: 10V (DC)
Continuous load current: 250 mA (DC), n: 50pcs.
Ambient temperature: 25
°C 77°F
19.-(3) LED operate current distribution
Sample: AQY221N2T
Load voltage: 10V (DC)
Continuous load current: 80 mA (DC), n: 50pcs.
Ambient temperature: 25
°C 77°F
0
10
20
30
40
50
0
0.2
0.4
0.6
1
0.8
LED operate current, mA
0
0.2
0.4
0.6
1
0.8
0
10
20
30
40
50
LED operate current, mA
0.2
0.4
0.6
0.8
1.2
1
0
10
20
30
40
50
LED operate current, mA


Similar Part No. - AQY221R6TW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY221R6V PANASONIC-AQY221R6V Datasheet
129Kb / 4P
   RF SSOP 1 Form A C×R10/C×R5 (AQY221❍❍V)
2014.05
AQY221R6VW PANASONIC-AQY221R6VW Datasheet
129Kb / 4P
   RF SSOP 1 Form A C×R10/C×R5 (AQY221❍❍V)
2014.05
AQY221R6VY PANASONIC-AQY221R6VY Datasheet
129Kb / 4P
   RF SSOP 1 Form A C×R10/C×R5 (AQY221❍❍V)
2014.05
More results

Similar Description - AQY221R6TW

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WA04P WALSIN-WA04P Datasheet
170Kb / 6P
   Mounting occupation area reduction
logo
Kyocera Kinseki Corpota...
CRA3A KSS-CRA3A Datasheet
246Kb / 8P
   Reduction in mounting process & costs
logo
Pomona Electronics
1330 POMONA-1330 Datasheet
24Kb / 1P
   Double Banana Plug With Component Mounting Area
1330-2 POMONA-1330-2 Datasheet
24Kb / 1P
   Double Banana Plug With Component Mounting Area
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
logo
Sony Corporation
CXA1563M SONY-CXA1563M Datasheet
304Kb / 15P
   Dolby B-C Type Noise Reduction System with Built-in S type Switch
logo
Panasonic Semiconductor
AQY221R2T PANASONIC-AQY221R2T Datasheet
342Kb / 3P
   New VSSOP PhotoMOS짰 Relays with Smallest Footprint Available
logo
Sony Corporation
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com