Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB815 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SB815
Description  Bipolar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB815 Datasheet(HTML) 1 Page - ON Semiconductor

  2SB815 Datasheet HTML 1Page - ON Semiconductor 2SB815 Datasheet HTML 2Page - ON Semiconductor 2SB815 Datasheet HTML 3Page - ON Semiconductor 2SB815 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
N1313 TKIM/O1012 TKIM/41301 TSIM/91098 HA (KT)/8258MO/4017 KI/2173 KI, TS No.694-1/4
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
November, 2013
2SB815/2SD1048
Bipolar Transistor
(–)15V, (–)0.7A, Low VCE(sat), (PNP)NPN Single CP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Ultrasmall package allows miniaturization in end products
Large current capacity (IC=0.7A) and low-saturation voltage
Specifications ( ): 2SB815
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector to Base Voltage
VCBO
(--)20
V
Collector to Emitter Voltage
VCEO
(--)15
V
Emitter to Base Voltage
VEBO
(--)5
V
Collector Current
IC
(--)0.7
A
Collector Current (Pulse)
ICP
(--)1.5
A
Collector Dissipation
PC
200
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7013A-009
Ordering number : EN694H
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
1 : Base
2 : Emitter
3 : Collector
CP
12
3
2.9
0.95
0.4
0.1
TB
X–
R
A
N
K
B•
R
A
N
K
2SD1048
2SB815
2SB815-6-TB-E
2SB815-7-TB-E
2SD1048-6-TB-E
2SD1048-7-TB-E
3
2
1
2SD1048
3
2
1
2SB815


Similar Part No. - 2SB815

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB815 SANYO-2SB815 Datasheet
70Kb / 3P
   For General-Purpose AF Amplifier
logo
Guangdong Kexin Industr...
2SB815 KEXIN-2SB815 Datasheet
36Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
logo
ON Semiconductor
2SB815-6-TB-E ONSEMI-2SB815-6-TB-E Datasheet
256Kb / 6P
   Bipolar Transistor
September, 2013
2SB815-6-TB-E ONSEMI-2SB815-6-TB-E Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SB815-7-TB-E ONSEMI-2SB815-7-TB-E Datasheet
256Kb / 6P
   Bipolar Transistor
September, 2013
More results

Similar Description - 2SB815

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com