Electronic Components Datasheet Search |
|
CRCW12066K98FKEA Datasheet(PDF) 1 Page - Vishay Siliconix |
|
CRCW12066K98FKEA Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 8 page Document Number: 20035 For technical questions in Europe, contact: ff3cresistors@vishay.com www.vishay.com Revision: 04-Jul-07 For technical questions in Americas/Asia, contact: ff2bresistors@vishay.com 107 D../CRCW.... e3 Vishay Lead (Pb)-free Thick Film, Rectangular Chip Resistors FEATURES • High volume product suitable for commercial and special applications • Excellent stability (ΔR/R ≤ 1 % for 1000 h at 70 °C) • Compliant with “Restriction of the use of Hazardous Substances” (RoHS) directive 2002/95/EC (issue 2004) • Lead (Pb)-free solder contacts on Ni barrier layer • Pure tin plating provides compatibility with lead (Pb)-free and lead containing soldering processes • Metal glaze on high quality ceramic • Protective overglaze Notes • These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime • Marking and packaging: see appropriate catalog or web pages • Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material STANDARD ELECTRICAL SPECIFICATIONS MODEL SIZE POWER RATING P70 °C W LIMITING ELEMENT VOLTAGE MAX V ≅ TEMPERATURE COEFFICIENT ppm/K TOLERANCE % RESISTANCE RANGE Ω E-SERIES INCH METRIC CRCW0201 0201 0525 0.05 30 ± 100 ± 200 ± 1 ± 1; ± 5 47R - 1M0 10R - 1M0 24 + 96 24 Zero-Ohm-Resistor: Rmax = 50 mΩ, Imax at 70 °C = 1.0 A D10/CRCW0402 0402 1005 0.063 50 ± 100 ± 200 ± 1 ± 5 1R0 - 10M 24 + 96 24 Zero-Ohm-Resistor: Rmax = 20 mΩ, Imax at 70 °C = 1.5 A D11/CRCW0603 0603 1608 0.10 75 ± 100 ± 200 ± 1 ± 5 1R0 - 10M 24 + 96 24 Zero-Ohm-Resistor: Rmax = 20 mΩ, Imax at 70 °C = 2.0 A D12/CRCW0805 0805 2012 0.125 150 ± 100 ± 200 ± 1 ± 5 1R0 - 10M 24 + 96 24 Zero-Ohm-Resistor: Rmax = 20 mΩ, Imax at 70 °C = 2.5 A D25/CRCW1206 1206 3216 0.25 200 ± 100 ± 200 ± 1 ± 5 1R0 - 10M 24 + 96 24 Zero-Ohm-Resistor: Rmax = 20 mΩ, Imax at 70 °C = 3.5 A CRCW1210 1210 3225 0.33 200 ± 100 ± 200 ± 1 ± 5 1R0 - 10M 24 + 96 24 Zero-Ohm-Resistor: Rmax = 20 mΩ, Imax at 70 °C = 4.0 A CRCW1218 1218 3246 1.0 200 ± 100 ± 200 ± 1 ± 5 1R0 - 2M2 24 + 96 24 Zero-Ohm-Resistor: Rmax = 20 mΩ, Imax at 70 °C = 7.0 A CRCW2010 2010 5025 0.50 400 ± 100 ± 200 ± 1 ± 5 1R0 - 10M 24 + 96 24 Zero-Ohm-Resistor: Rmax = 20 mΩ, Imax at 70 °C = 5.0 A CRCW2512 2512 6332 1.0 500 ± 100 ± 200 ± 1 ± 5 1R0 - 10M 24 + 96 24 Zero-Ohm-Resistor: Rmax = 20 mΩ, Imax at 70 °C = 7.0 A |
Similar Part No. - CRCW12066K98FKEA |
|
Similar Description - CRCW12066K98FKEA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |