Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1803S-H Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SB1803S-H
Description  Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB1803S-H Datasheet(HTML) 2 Page - ON Semiconductor

  2SB1803S-H Datasheet HTML 1Page - ON Semiconductor 2SB1803S-H Datasheet HTML 2Page - ON Semiconductor 2SB1803S-H Datasheet HTML 3Page - ON Semiconductor 2SB1803S-H Datasheet HTML 4Page - ON Semiconductor 2SB1803S-H Datasheet HTML 5Page - ON Semiconductor 2SB1803S-H Datasheet HTML 6Page - ON Semiconductor 2SB1803S-H Datasheet HTML 7Page - ON Semiconductor 2SB1803S-H Datasheet HTML 8Page - ON Semiconductor 2SB1803S-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SB1203 / 2SD1803
No.2085-2/10
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
IC=10IB1= --10IB2=2A
For PNP, the polarity is reversed.
VR
RB
VCC=25V
VBE= --5V
+
+
50
INPUT
RL
OUTPUT
100 F
470 F
PW=20 s
IB1
D.C. 1%
IB2
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Dissipation
PC
1W
Tc=25°C20
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0A
(--)1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)1
μA
DC Current Gain
hFE1VCE=(--)2V, IC=(--)0.5A
70*
400*
hFE2VCE=(--)2V, IC=(--)4A
35
Gain-Bandwidth Product
fT
VCE=(--)5V, IC=(--)1A
(130)180
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(60)40
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)3A, IB=(--)0.15A
(--280)220
(--550)400
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)3A, IB=(--)0.15A
(--)0.95
(--)1.3
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--)60
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
(50)50
ns
Storage Time
tstg
(450)500
ns
Fall Time
tf
(20)20
ns
* : The 2SB1203/2SD1803 are classified by 0.5A hFE as follows :
Rank
Q
R
S
T
hFE
70 to 140
100 to 200
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SB1203S-E
TP
500pcs./bag
Pb Free
2SB1203S-H
TP
500pcs./bag
Pb Free and Halogen Free
2SD1203T-E
TP
500pcs./bag
Pb Free
2SD1203T-H
TP
500pcs./bag
Pb Free and Halogen Free
2SB1803S-E
TP
500pcs./bag
Pb Free
2SB1803S-H
TP
500pcs./bag
Pb Free and Halogen Free
2SD1803T-E
TP
500pcs./bag
Pb Free
2SD1803T-H
TP
500pcs./bag
Pb Free and Halogen Free
2SB1203S-TL-E
TP-FA
700pcs./reel
Pb Free
2SB1203S-Tl-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SB1203T-TL-E
TP-FA
700pcs./reel
Pb Free
2SB1203T-Tl-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SB1803S-TL-E
TP-FA
700pcs./reel
Pb Free
2SB1803S-Tl-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SB1803T-TL-E
TP-FA
700pcs./reel
Pb Free
2SB1803T-Tl-H
TP-FA
700pcs./reel
Pb Free and Halogen Free


Similar Part No. - 2SB1803S-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1803S-H ONSEMI-2SB1803S-H Datasheet
389Kb / 10P
   Bipolar Transistor
September, 2013
2SB1803S-H ONSEMI-2SB1803S-H Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1803S-H ONSEMI-2SB1803S-H Datasheet
389Kb / 10P
   Bipolar Transistor
September, 2013
logo
Sanyo Semicon Device
2SB1803S-H SANYO-2SB1803S-H Datasheet
519Kb / 10P
   High-Current Switching Applications
More results

Similar Description - 2SB1803S-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1805 ONSEMI-2SD1805 Datasheet
405Kb / 9P
   Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1204 ONSEMI-2SB1204 Datasheet
378Kb / 9P
   Bipolar Transistor -50V, -8A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com